Electronic Components Datasheet Search
  English  ▼

X  

TSL261 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSL261
Description  IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSL261 Datasheet(HTML) 1 Page - Texas Instruments

  TSL261 Datasheet HTML 1Page - Texas Instruments TSL261 Datasheet HTML 2Page - Texas Instruments TSL261 Datasheet HTML 3Page - Texas Instruments TSL261 Datasheet HTML 4Page - Texas Instruments TSL261 Datasheet HTML 5Page - Texas Instruments TSL261 Datasheet HTML 6Page - Texas Instruments TSL261 Datasheet HTML 7Page - Texas Instruments TSL261 Datasheet HTML 8Page - Texas Instruments TSL261 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TSL260, TSL261, TSL262
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
SOES008A – DECEMBER 1992 – REVISED FEBRUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
5–1
• Integral Visible Light Cutoff Filter
• Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
• Converts Light Intensity to Output Voltage
• High Irradiance Responsivity Typically
42 mV/(
µW/cm2) at λp = 940 nm (TSL260)
• Low Dark (Offset) Voltage ...10 mV
Max at 25
°C, VDD = 5 V
• Single-Supply Operation
• Wide Supply Voltage Range...3 V to 9 V
• Low Supply Current... 800 µA Typical at
VDD = 5 V
• Advanced LinCMOS™ Technology
description
The TSL260, TSL261, and TSL262 are light-to-voltage optical sensors each combining a photodiode and a
transimpedance amplifier (feedback resistor = 16 M
Ω, 8 MΩ, and 2 MΩ, respectively) on a single monolithic
integrated circuit. The output voltage is directly proportional to the infrared light intensity (irradiance) on the
photodiode. The TSL260, TSL261, and TSL262 utilize Texas Instruments silicon-gate LinCMOS
™ technology,
which provides good amplifier offset-voltage stability and low power consumption.
mechanical data
The photodiode/amplifier chip is packaged in a black, infrared-transmissive plastic package. The integrated
photodiode active area is typically 1,0 mm2 (0.0016 in2), 0.5 mm2 (0.00078 in2), and 0.26 mm2 (0.0004 in2) for
the TSL260, TSL261, and TSL262, respectively.
2,25 (0.089)
1,75 (0.069)
0,75 (0.030)
0,65 (0.026)
0,635 (0.025)
0,4 (0.016)
2,125 (0.084)
1,875 (0.074)
4,2 (0.165)
3,8 (0.150)
1
2
3
15,7 (0.619)
13,2 (0.520)
0,86 (0.034)
0,46 (0.018)
2,05 (0.081)
1,55 (0.061)
3,05 (0.120)
2,55 (0.100)
4,8 (0.189)
4,4 (0.173)
0,75 (0.030) R
0,85 (0.033)
0,35 (0.014)
2,74 (0.108)
2,34 (0.092)
5,05 (0.199)
4,55 (0.179)
4,85 (0.191)
4,35 (0.171)
4,35 (0.171)
3,85 (0.152)
PIN 1 GND
PIN 2 VDD
PIN 3 OUT
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
1
2
3
0,51 (0.02)
0,385 (0.015)
1,25 (0.049)
0,75 (0.029)
1,75 (0.069)
1,25 (0.049)
0,65 (0.026)
0,55 (0.022)
LinCMOS is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TSL261

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL261 ETC-TSL261 Datasheet
135Kb / 10P
IR LIGHTTOVOLTAGE OPTICAL SENSORS
TSL261R ETC1-TSL261R Datasheet
91Kb / 8P
INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL261R TAOS-TSL261R Datasheet
209Kb / 14P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL261R AMSCO-TSL261R Datasheet
642Kb / 15P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL261R AMSCO-TSL261R Datasheet
829Kb / 15P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results

Similar Description - TSL261

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
LIGHTTOVOLTAGE OPTICAL SENSORS
TSL260 ETC-TSL260 Datasheet
135Kb / 10P
IR LIGHTTOVOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
Light-to-Voltage Optical Sensors
2016-May-30
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com