Electronic Components Datasheet Search
  English  ▼

X  

TSL261 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSL261
Description  IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSL261 Datasheet(HTML) 7 Page - Texas Instruments

  TSL261 Datasheet HTML 1Page - Texas Instruments TSL261 Datasheet HTML 2Page - Texas Instruments TSL261 Datasheet HTML 3Page - Texas Instruments TSL261 Datasheet HTML 4Page - Texas Instruments TSL261 Datasheet HTML 5Page - Texas Instruments TSL261 Datasheet HTML 6Page - Texas Instruments TSL261 Datasheet HTML 7Page - Texas Instruments TSL261 Datasheet HTML 8Page - Texas Instruments TSL261 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TSL260, TSL261, TSL262
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
SOES008A – DECEMBER 1992 – REVISED FEBRUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5–7
APPLICATION INFORMATION
NOTE A: Single-channel remote control can be used to switch logic or light dc loads by way of U5 or ac loads by way of the optocoupler and
triac as shown. Applications include ceiling fans, lamps, electric heaters, etc.
† OPTEK part number
D1
BN301†
9 V
3
1
C1
1
µF
+
Q1
2N3904
3
1
2
R2
1 k
Ω
R3
22
Ω
R1
680
Ω
5
7
6
2
84
TRANSMITTER
U1
TLC555
S1
15
13
3
1
16
4
C3
1
µF
+
+
7
1
C2
0.1
µF
2
3
IN
OUT
COM
6 V
R4
180
Ω
AC Load
J1
2
3
1
6
4
1
2
R8
300
Ω
R7
4.7 k
Ω
8
1
6
2
5
3
4
6 V
6 V
C5
0.1
µF
R5
7.5 k
Ω
R6
4.7 k
Ω
C4
4.7
µF
6 V
1
2
3
120 V
60 Hz
PRE
VCC CLR
J
CLK
K
GND
Q
R9
1 k
Ω
Q3
2N3904
5
2
TIL3010
U3
U2
NE567
U4
TSL260
Sensor
U5
1/2 SN74HC76
To Sensor
Q2
TIC225C
RECEIVER
Freq
Trim
Figure 11. IR Remote Control



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com