Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01T Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP96L01T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01T Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP96L01T Datasheet HTML 36Page - Microchip Technology MCP96L01T Datasheet HTML 37Page - Microchip Technology MCP96L01T Datasheet HTML 38Page - Microchip Technology MCP96L01T Datasheet HTML 39Page - Microchip Technology MCP96L01T Datasheet HTML 40Page - Microchip Technology MCP96L01T Datasheet HTML 41Page - Microchip Technology MCP96L01T Datasheet HTML 42Page - Microchip Technology MCP96L01T Datasheet HTML 43Page - Microchip Technology MCP96L01T Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 40
MCP960X/L0X/RL0X
5.3.3
ALERT CONFIGURATION
REGISTERS
This device integrates four individually controlled
temperature alert outputs. Each output is configured for
the corresponding alert output using the Alert Output
Configuration registers.
The Configuration registers are used to enable each
output, select the Alert Function mode as Comparator
or Interrupt mode, active-high or active-low output,
detect rising or falling temperatures and detect TH or
TC Temperature registers.
The Comparator mode is useful for thermostat-type
applications, such as on/off switches for fan controllers,
buzzer or LED indicators. The alert output asserts and
deasserts when the temperature exceeds the
user-specified limit, and the user-specified hysteresis
limit. The Interrupt mode is useful for interrupt driven
microcontroller-based systems. The alert outputs are
asserted each time the temperature exceeds the
user-specified alert limit and hysteresis limits.
The microcontroller will have Acknowledged the
interrupt signal from the corresponding alert output by
clearing the interrupt using bit 7 of the corresponding
Configuration register.
The Rise/Fall bit (bit 3) and the Monitor TH/TC bit (bit 4)
can be used to detect and maintain the thermocouple
temperature or the cold-junction temperature to the
desired temperature window.
TABLE 5-6:
ALERT CONFIGURATION
REGISTERS
Register
Register Pointer
Alert 1 Configuration
0000 1000
Alert 2 Configuration
0000 1001
Alert 3 Configuration
0000 1010
Alert 4 Configuration
0000 1011
REGISTER 5-11:
ALERT 1, 2, 3 AND 4 CONFIGURATION REGISTER
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Interrupt Clear
—
—
Monitor TH/TC
Rise/Fall
Active-High/Low Comp/Int. Alert Enable
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Interrupt Clear: Interrupt Clear bit
1 = Clears Interrupt flag (forced ‘0’ by device)
0 = Normal state or cleared state
bit 6-5
Unimplemented: Read as ‘0’
bit 4
Monitor TH or TC: Temperature Maintain/Detect bit
1 = Alert monitor for TC cold-junction sensor
0 = Alert monitor for TH thermocouple temperature
bit 3
Rise/Fall: Alert Temperature Direction bit
1 = Alert limit for falling or cooling temperatures
0 = Alert limit for rising or heating temperatures
bit 2
Active-High/Low: Alert State bit
1 = Active-high
0 = Active-low
bit 1
Comp./Int.: Alert Mode bit
1 = Interrupt mode: Interrupt clears bit (bit 7) – must be set to deassert the alert output
0 = Comparator mode
bit 0
Alert Enable: Alert Output Enable bit
1 = Alert output is enabled
0 = Alert output is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com