Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP96L01T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP96L01T Datasheet HTML 4Page - Microchip Technology MCP96L01T Datasheet HTML 5Page - Microchip Technology MCP96L01T Datasheet HTML 6Page - Microchip Technology MCP96L01T Datasheet HTML 7Page - Microchip Technology MCP96L01T Datasheet HTML 8Page - Microchip Technology MCP96L01T Datasheet HTML 9Page - Microchip Technology MCP96L01T Datasheet HTML 10Page - Microchip Technology MCP96L01T Datasheet HTML 11Page - Microchip Technology MCP96L01T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 8
MCP960X/L0X/RL0X
INPUT/OUTPUT PIN DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, TA = -40°C to +125°C
(where: TA =TC, defined as Device Ambient Temperature).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Serial Input/Output and I2C Address Input (ADDR)
Input (SCL, SDA, ADDR)
High-Level Voltage
VIH
0.7 × VDD
——
V
Low-Level Voltage
VIL
——
0.3 × VDD
V
Input Current
ILEAK
——
±2
µA
Hysteresis
VHYST
—
0.05 × VDD
—V
VDD > 2V
Spike Suppression
TSP
—50
—
ns
Output (SDA)
Low-Level Voltage
VOL
——0.4
V
IOL= 3 mA
High-Level Current (leakage)
IOH
——
1
µA
VOH = VDD
Low-Level Current
IOL
6—
—
mA
VOL = 0.6V
Capacitance
CIN
—5
—
pF
I2C Address Selection Levels (Note 1)
Command Byte [1100 000x]VADDR
GND
—
—
V
Address = 0
Command Byte [1100 001x]VADDR_L
(Note 2)
VADDR_TYP
(Note 2)
VADDR_H
(Note 2)
Address = 1
Command Byte [1100 010x]Address = 2
Command Byte [1100 011x]Address = 3
Command Byte [1100 100x]Address = 4
Command Byte [1100 101x]Address = 5
Command Byte [1100 110x]Address = 6
Command Byte [1100 111x]—
—
VDD
Address = 7
Note 1
The ADDR pin can be tied to VDD or VSS. For additional addresses, a resistive divider network can be
used to set voltage levels that are rationed to VDD. The device supports up to eight levels (see
Section 6.3.1 “I2C Addressing” for recommended resistor values).
2
VADDR_TYP =Address * VDD/8 + VDD/16,
VADDR_L =VADDR_TYP –VDD/32 and
VADDR_H =VADDR_TYP +VDD/32 (where: Address = 1, 2, 3, 4, 5, 6).
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Note 1
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, MQFN
JA
—
38.8
—
°C/W
Note 1
Operation in this range must not cause TJ to exceed the Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com