Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01T Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP96L01T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01T Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP96L01T Datasheet HTML 44Page - Microchip Technology MCP96L01T Datasheet HTML 45Page - Microchip Technology MCP96L01T Datasheet HTML 46Page - Microchip Technology MCP96L01T Datasheet HTML 47Page - Microchip Technology MCP96L01T Datasheet HTML 48Page - Microchip Technology MCP96L01T Datasheet HTML 49Page - Microchip Technology MCP96L01T Datasheet HTML 50Page - Microchip Technology MCP96L01T Datasheet HTML 51Page - Microchip Technology MCP96L01T Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 48
MCP960X/L0X/RL0X
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
20-Lead MQFN (5 × 5 × 1.0 mm)
Examples
PIN 1
(
PIN 1
(
MCP9600
E/MX
1932256
PIN 1
(
96L00
1932256
3
e
PIN 1
(
96RL00
1932256
PIN 1
(
9601
1932256
PIN 1
(
96L01
1932256
PIN 1
(
96RL01
1932256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com