Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01T Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP96L01T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01T Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP96L01T Datasheet HTML 7Page - Microchip Technology MCP96L01T Datasheet HTML 8Page - Microchip Technology MCP96L01T Datasheet HTML 9Page - Microchip Technology MCP96L01T Datasheet HTML 10Page - Microchip Technology MCP96L01T Datasheet HTML 11Page - Microchip Technology MCP96L01T Datasheet HTML 12Page - Microchip Technology MCP96L01T Datasheet HTML 13Page - Microchip Technology MCP96L01T Datasheet HTML 14Page - Microchip Technology MCP96L01T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 11
MCP960X/L0X/RL0X
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD and
TA = -40°C to +125°C.
FIGURE 2-1:
Typical Temperature
Accuracy from NIST ITS-90 Database, Type K.
FIGURE 2-2:
Typical Temperature
Accuracy from NIST ITS-90 Database, Type J.
FIGURE 2-3:
Typical Temperature
Accuracy from NIST ITS-90 Database, Type N.
FIGURE 2-4:
Temperature Sensitivity with
18-Bit Resolution, Type K.
FIGURE 2-5:
Temperature Sensitivity with
18-Bit Resolution, Type J.
FIGURE 2-6:
Temperature Sensitivity with
18-Bit Resolution, Type N.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
-0.50
-0.25
0.00
0.25
0.50
-200
300
800
1300
1800
T
A (°C)
Type K
MCP9600
0.000
0.250
0.500
-200
300
800
1300
1800
T
A (°C)
Type K
MCP9600/L00/RL00
0.000
0.250
0.500
-200
300
800
1300
1800
T
A (°C)
Type J
MCP9600/L00/RL00
0.000
0.250
0.500
-200
300
800
1300
1800
T
A (°C)
Type N
MCP9600/L00/RL00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com