Electronic Components Datasheet Search
  English  ▼

X  

TLE4305G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4305G
Description  Voltage-Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4305G Datasheet HTML 2Page - Infineon Technologies AG TLE4305G Datasheet HTML 3Page - Infineon Technologies AG TLE4305G Datasheet HTML 4Page - Infineon Technologies AG TLE4305G Datasheet HTML 5Page - Infineon Technologies AG TLE4305G Datasheet HTML 6Page - Infineon Technologies AG TLE4305G Datasheet HTML 7Page - Infineon Technologies AG TLE4305G Datasheet HTML 8Page - Infineon Technologies AG TLE4305G Datasheet HTML 9Page - Infineon Technologies AG TLE4305G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
6
Rev. 2.1, 2004-01-01
TLE 4305
Current-OTA; Pin CSE and CCO
Input voltage threshold
V
CSE
-210
-200
-190
mV
I
CCO = 0 mA;
V
CCO = 2.5 V
Transconductance
g
C
–
1
–
mS
g
C = ∆ICCO / ∆UCSE
Output series resistor
R
CCO
–
2
–
k
Ω
–
Gain Bandwidth Product
B
C
–
500
–
kHz
–
Input current
I
CSE
-200
-100
-50
µA
V
CSE = 0 V
Output current;
source
I
CCO
-150
-60
-25
µA
V
CRE = 2.5 V;
V
CSE = 0 V;
V
CCO = 2.5 V
Output current;
sink
I
CCO
25
60
150
µA
V
CRE = 0 V;
V
CSE = 0 V;
V
CCO = 2.5 V
Current Reference Input Pin CRE
Input Current
I
CRE
-1.0
-0.2
-0
µA
V
CSE = 0 V;
V
CRE = 0 V
Output Pin OUT
Output voltage limit
V
OUT
345.5
V
V
VSE = 5 V;
R
OUT-GND = 22 kΩ
Output current;
voltage loop controlled
I
OUT
-8.5
-4
-2
mA
10 V <
V
S < 42 V;
V
VSE = 5 V;
V
OUT = 0 V
Output current;
voltage loop controlled
I
OUT
-4.5
-2.0
-0.5
mA
8 V <
V
S < 10 V;
V
VSE = 5 V;
V
OUT = 0 V
Table 4
Electrical Characteristics (cont’d)
8 V <
V
S < 42 V; -40 °C < Tj < 150 °C; IOUT = 0 mA; all voltages with respect to ground;
positive current defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com