| Electronic Components Datasheet Search |
|
TLE4305G Datasheet(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4305G Datasheet(HTML) 8 Page - Infineon Technologies AG |
|
8 / 15 page ![]() Data Sheet 8 Rev. 2.1, 2004-01-01 TLE 4305 Application Information The TLE 4305 is a voltage and current regulator for Switch Mode Power Supply (SMPS) applications. It controls the output voltage and the maximum output current of a power supply unit. It is located on the secondary side of the SMPS. The TLE 4305 consists of a output voltage control loop and a current control loop. The driver is especially designed to drive the opto-isolator. The current controls the PWM duty cycle of the primary regulator. Isolated SMPS Switch mode power supply (SMPS) systems generate a regulated DC voltage V Q that is isolated from the primary side. A maximum output current I Qmax is defined to protect the system in any load failures. Figure 3 Isolated SMPS Principle The principle of an isolated SMPS is shown in Figure 3. The primary side of the SMPS is supplied by the line. The secondary side supplies a regulated voltage to the load. Primary and secondary side are isolated from each other by the transformer and an opto isolator. A SMPS controller such as the Infineon TDA1683x controls the PWM duty cycle of the output voltage signal. The signal is transmitted by a Transformer with n1:n2 (n: number of windings). On the secondary side a load capacitor is charged. The secondary regulator controls the output voltage V Q and limits the output current. It generates an analog control signal to the primary side through an opto isolator to regulate the PWM duty cycle of the primary signal. The loop is closed through the primary SMPS regulator and the transformer. Simple SMPS defines the output voltage by a voltage divider and a transistor. This requires very precise resistor values and due to the nature of the transistor the control signal is dependent on temperature and device variation. The current limitation has to be done on the primary side with elements suitable for high voltages. AES02888 SMPS with Cool Set Secondary Regulator with TLE 4305 Opto Isolator Line Precise Output Voltage Output Current precise limited Short circuit protected |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |