Electronic Components Datasheet Search
  English  ▼

X  

TLE4305G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4305G
Description  Voltage-Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4305G Datasheet HTML 1Page - Infineon Technologies AG TLE4305G Datasheet HTML 2Page - Infineon Technologies AG TLE4305G Datasheet HTML 3Page - Infineon Technologies AG TLE4305G Datasheet HTML 4Page - Infineon Technologies AG TLE4305G Datasheet HTML 5Page - Infineon Technologies AG TLE4305G Datasheet HTML 6Page - Infineon Technologies AG TLE4305G Datasheet HTML 7Page - Infineon Technologies AG TLE4305G Datasheet HTML 8Page - Infineon Technologies AG TLE4305G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
2
Rev. 2.1, 2004-01-01
TLE 4305
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No. Symbol Function
1S
Supply voltage; external blocking capacitor necessary (see
Figure 4).
2VSE
Voltage Sense Input; non inverting with respect to voltage
compensation VCO; internal compared with the high accuracy
bandgap-reference (typ. 2.5 V).
3OUT
Output; NPN emitter follower output with an internal series resistor
of 1 k
Ω; controlled by the potential of VCO or CCO; output voltage
is internally clamped therefore the output current is internally limited.
4CSE
Current Sense Input 1; connected to an internal voltage divider
(reference to the inverting input of the current OTA; see Figure 7).
5GND
Ground; reference potential unless otherwise specified.
6CCO
Current Compensation Output; internal series resistor to the
current-OTA output (typ. 1 k
Ω); amplification internal temperature
compensated; current loop compensation can be done by an
external capacitor to GND.
7VCO
Voltage Compensation Output; internal series resistor to the
voltage-OTA output (typ. 1 k
Ω); amplification internal temperature
compensated; voltage loop compensation can be done by an
external capacitor to GND.
8CRE
Current-OTA Reference Input; current sense reference input; non
inverting input of the current-OTA.
VSE
AEP02887
1
2
3
4
8
7
6
5
CRE
OUT
VCO
CCO
GND
CSE
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com