Electronic Components Datasheet Search
  English  ▼

X  

TLE4305G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4305G
Description  Voltage-Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4305G Datasheet HTML 7Page - Infineon Technologies AG TLE4305G Datasheet HTML 8Page - Infineon Technologies AG TLE4305G Datasheet HTML 9Page - Infineon Technologies AG TLE4305G Datasheet HTML 10Page - Infineon Technologies AG TLE4305G Datasheet HTML 11Page - Infineon Technologies AG TLE4305G Datasheet HTML 12Page - Infineon Technologies AG TLE4305G Datasheet HTML 13Page - Infineon Technologies AG TLE4305G Datasheet HTML 14Page - Infineon Technologies AG TLE4305G Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TLE 4305
Data Sheet
13
Rev. 2.1, 2004-01-01
Figure 8
Improved Current Control Loop
The calculation of the current is identical to the above calculation (Equation (6)). The
voltage at resistor
R
CRE can be neglected (typical 2 mV for 10 kΩ resistor). The resistor
R
CRE and the Capacitor CCRE improve further the current control loop response.
Supply of the TLE 4305
The TLE 4305 is an active circuitry and requires a supply voltage at pin
V
S. During start
up of the supply, there is no energy stored in the load capacitor. Dependent on the
required output voltage also during operation the output voltage might be too small.
Therefore a second transformer-winding n3 is required. The voltage charges the input
capacitor
C
S though the diode D1. Internally the TLE 4305 generates for input voltages
above 8 V a preregulated 6 V internal rail. The device generates biasing currents and
reference voltages from this rail.
To avoid Ground and
V
Q-shifts, all GND connections should be connected to one point
as well as all
V
Q-signals.
If the application requires more than one voltage linear post-regulators can be used. In
the application a choke should be placed in series. An electrolyte or tantalum capacitor
of 10
µF to 100 µF should be used in parallel to a 10 to 100 nF ceramic capacitor to filter
high frequency noise. The size of the choke and the capacitors depend on the
application requirements.
AES02881
C-OTA
R
I1
25 k
Ω
C
CCO
10 nF
V
REF
CSE
CRE
Current Loop TLE 4305
Control
Logic
from Voltage Loop
1 k
Ω
R
CC
1 k
Ω
OUT
CCO
R
I1
25 k
Ω
R
CRE
10 k
Ω
C
CRE
100 nF
V
Q
R
Sense
D2
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com