Electronic Components Datasheet Search
  English  ▼

X  

CX25871 Datasheet(PDF) 45 Page - Synaptics Incorporated.

Part # CX25871
Description  Video Encoder with Adaptive Flicker Filtering and HDTV Output
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25871 Datasheet(HTML) 45 Page - Synaptics Incorporated.

Back Button CX25871 Datasheet HTML 41Page - Synaptics Incorporated. CX25871 Datasheet HTML 42Page - Synaptics Incorporated. CX25871 Datasheet HTML 43Page - Synaptics Incorporated. CX25871 Datasheet HTML 44Page - Synaptics Incorporated. CX25871 Datasheet HTML 45Page - Synaptics Incorporated. CX25871 Datasheet HTML 46Page - Synaptics Incorporated. CX25871 Datasheet HTML 47Page - Synaptics Incorporated. CX25871 Datasheet HTML 48Page - Synaptics Incorporated. CX25871 Datasheet HTML 49Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 291 page
background image
CX25870/871
1.0 Functional Description
Flicker-Free Video Encoder with Ultrascale Technology
1.3 Device Description
100381B
Conexant
1-29
Figure 1-8 illustrates the frequency response of the sub-sampling process. If
4:4:4 data is input, it is subsampled to 4:2:2 prior to overscan compensation and
flicker filtering.
The resulting 4:2:2 output must then be converted to YUV values and then
scaled for the output range of the DACs. The MY, MCR, and MCB registers must
be programmed to perform this conversion. The scaling equations are as follows:
MY = (int) [V100/(219.0 * VFS) * 2
6 + 0.5]
MCR = (int)[(128.0/127.0) * V100 * 0.877/(224.0 * VFS * 0.713 * sinx) * 2
6 + 0.5]
MCB = (int)[(128.0/127.0)* V100 * 0.493/(224.0 * VFS * 0.564 * sinx) * 2
6 + 0.5]
where:V100 = 100% white voltage (0.661 V for NTSC, 0.7 V for PAL/SECAM)
VFS = Full scale output voltage (1.28 V)
Fsc = color subcarrier frequency (see Table A-2)
Fclk = Analog pixel rate
Sinx = Sin (
π ·F
SC/FCLK)/(π ·FSC/FCLK)
Figure 1-8. Decimation Filter at Fs=27 MHz
0
5
10
15
20
25
30
35
40
45
Frequency (Fs = 27 MHz)
01
2
3
45
6
Chroma Decimation Filter
100381_005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com