Electronic Components Datasheet Search
  English  ▼

X  

CX25871 Datasheet(PDF) 19 Page - Synaptics Incorporated.

Part # CX25871
Description  Video Encoder with Adaptive Flicker Filtering and HDTV Output
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25871 Datasheet(HTML) 19 Page - Synaptics Incorporated.

Back Button CX25871 Datasheet HTML 15Page - Synaptics Incorporated. CX25871 Datasheet HTML 16Page - Synaptics Incorporated. CX25871 Datasheet HTML 17Page - Synaptics Incorporated. CX25871 Datasheet HTML 18Page - Synaptics Incorporated. CX25871 Datasheet HTML 19Page - Synaptics Incorporated. CX25871 Datasheet HTML 20Page - Synaptics Incorporated. CX25871 Datasheet HTML 21Page - Synaptics Incorporated. CX25871 Datasheet HTML 22Page - Synaptics Incorporated. CX25871 Datasheet HTML 23Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 291 page
background image
CX25870/871
1.0 Functional Description
Flicker-Free Video Encoder with Ultrascale Technology
1.1 Pin Descriptions
100381B
Conexant
1-3
VDD_CO
—
57
Clock output supply pin. This pin should be tied to the power supply. For low
voltage infacing this pin should be tied to the low voltage supply.
CLKO
O
56
Pixel clock output (TTL compatible). This pin is three-state if the CLKI pin
provides the encoder clock.
VSS_CO
—
55
Clock output ground pin. This pin should be tied to the ground plane.
CLKI
I
54
Pixel clock input (TTL compatible). This may be used as either the encoder
clock or a delayed version of the CLKO pin synchronized with the pixel data
input.
RESET*
I
53
Reset control input (TTL compatible). A logical 0 applied for a minimum of 20
CLKI clock cycles resets and disables video timing (horizontal, vertical,
subcarrier counters) to the start of VSYNC of the first field and resets the serial
interface registers. RESET* must be a logical 1(3.3 V) for normal operation.
SLEEP
I
52
Power-down control input (TTL compatible). A logical 1 configures the device
for power-down mode. A logical 0 configures the device for normal operation.
SLAVE
I
51
Slave/master mode select input (TTL compatible). A logical 1 configures the
device for slave video timing operation. A logical 0 configures the device for
master video timing operation.
PAL
I
50
PAL/NTSC mode select input (TTL compatible). A logical 1 configures the
device for PAL video format and Autoconfiguration Mode 1. A logical 0
configures the device for NTSC video format and Autoconfiguration Mode 0.
VDD_VREF
I
49
Input threshold adjustment. This pin should be tied to VDD for 3.3 V input
swings or VDDL/2 for low voltage input swings.
ALTADDR
I
48
Alternate slave address input (TTL compatible). A logical 0 configures the
device to respond to a serial write address of 0x88. A logical 1 configures the
device to respond to a serial write address of 0x8A. In addition, serial reads to
address 0x89 (ALTADDR = 0) or 0x8B (ALTADDR = 1) are possible with this pin.
VDD_SI
—
47
Serial interface input supply pin. This pin should be tied to VDD (3.3 V).
VDD_SO
—
46
Serial interface output supply pin. This pin should be tied to VDD (3.3 V).
SIC
I
45
Serial interface clock input (TTL compatible).
SID
I/O
44
Serial interface data input/output (TTL compatible). Data is written to and read
from the device via this serial bus.
VSS_SO
—
43
Serial interface input ground pin. This pin should be tied to the ground plane.
VSS_SI
—
42
Serial interface input ground pin. This pin should be tied to the ground plane.
VDDL
—
40
Digital power for low voltage interface. All VAA and VDD pins must be
connected together on the same PCB plane to prevent latchup. For a low voltage
interface, this pin should be tied to the low voltage supply.
VSS/TEST
I
39
Test pin. Should be tied to VSS for normal operation.
BLANK*
I/O
38
Composite blanking control (TTL compatible). This can be generated by the
encoder or supplied from the graphics controller. If internal blanking is used,
this pin can be used to indicate the control character clock edge. If unused,
BLANK* should be tied high through a 10 k
Ω pullup resistor.
Table 1-1. Pin Assignments (2 of 3)
Pin Name
I/O
Pin #
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com