Electronic Components Datasheet Search
  English  ▼

X  

AP2213 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2213 Datasheet HTML 1Page - Diodes Incorporated AP2213 Datasheet HTML 2Page - Diodes Incorporated AP2213 Datasheet HTML 3Page - Diodes Incorporated AP2213 Datasheet HTML 4Page - Diodes Incorporated AP2213 Datasheet HTML 5Page - Diodes Incorporated AP2213 Datasheet HTML 6Page - Diodes Incorporated AP2213 Datasheet HTML 7Page - Diodes Incorporated AP2213 Datasheet HTML 8Page - Diodes Incorporated AP2213 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
1 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
500mA LOW NOISE LDO REGULATOR
Description
The AP2213 is a 500mA output current fixed voltage regulator which
provides low noise, very low dropout voltage (typically 350mV at
500mA), very low standby current (1µA maximum), and excellent
power supply ripple rejection (PSRR 75dB at 100Hz). This device is
used in battery-powered applications, such as handsets and PDAs;
and in noise sensitive applications, such as RF electronics.
The AP2213 features individual logic compatible enable/shutdown
control inputs, a low power shutdown mode for extended battery life,
over-current protection, over-temperature protection, and reversed
current protection.
The AP2213 has 2.5V, 3.0V, and 3.3V versions.
The AP2213 is available in the TO-252-2 (3), SOIC-8, and SOT-223
packages.
Features
•
Up to 500mA Output Current
•
Low Standby Current
•
Low Dropout Voltage: VDROP = 350mV at 500mA
•
High Output Accuracy: ±1%
•
Good Ripple Rejection Ability: 75dB at 100Hz and IOUT = 100µA
•
Tight Load and Line Regulation
•
Low Temperature Coefficient
•
Over Current Protection
•
Thermal Protection
•
Reversed Current Protection
•
Logic-Controlled Enable
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish—Matte Tin Plated Leads, Solderable per MIL-
STD-202, Method 208
•
Weight:
TO252-2 (3): 0.312 grams (Approximate)
SOT-223: 0.116 grams (Approximate)
SOIC-8: 0.077 grams (Approximate)
•
Lead-Free Packages: TO-252-2 (3), SOT-223, SOIC-8
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
•
Lead-Free Packages, Available in “Green” Molding Compound:
TO-252-2 (3), SOT-223, SOIC-8
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
(Top View)
VIN
VOUT
GND
1
2
3
TO-252-2 (3)
SOT-223
(Top View)
1
2
3
4
8
7
6
5
VOUT
GND
VIN
GND
GND
GND
BYP
EN
SOIC-8
Applications
•
Laptop, Notebook, and Palmtop Computer
•
CD-ROM, CD-R/RW, DVD Driver
•
Portable Electronic
•
PC Peripheral
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
VOUT
GND
VIN


Similar Part No. - AP2213

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
AP2213D-2.5E1 BCDSEMI-AP2213D-2.5E1 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
AP2213D-2.5E1 BCDSEMI-AP2213D-2.5E1 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
AP2213D-2.5G1 BCDSEMI-AP2213D-2.5G1 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
More results

Similar Description - AP2213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
500mA Low Noise CMOS LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
LOW NOISE 500mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com