Electronic Components Datasheet Search
  English  ▼

X  

AP2213 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2213 Datasheet HTML 6Page - Diodes Incorporated AP2213 Datasheet HTML 7Page - Diodes Incorporated AP2213 Datasheet HTML 8Page - Diodes Incorporated AP2213 Datasheet HTML 9Page - Diodes Incorporated AP2213 Datasheet HTML 10Page - Diodes Incorporated AP2213 Datasheet HTML 11Page - Diodes Incorporated AP2213 Datasheet HTML 12Page - Diodes Incorporated AP2213 Datasheet HTML 13Page - Diodes Incorporated AP2213 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
10 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
Performance Characteristics
Output Voltage vs. Junction Temperature
Dropout Voltage vs. Junction Temperature
Ground Pin Current vs. Output Current
Ground Pin Current vs. Junction Temperature
Enable Current vs. Junction Temperature
Enable Voltage vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
2.484
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
Junction Temperature (
oC)
AP2213-2.5
V
IN=3.5V, IOUT=10mA
C
IN=1µF, COUT=2.2µF
-60
-40
-20
0
20
40
60
80
100
120
140
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
Junction Temperature (
oC)
I
OUT=50mA
I
OUT=100mA
I
OUT=150mA
I
OUT=300mA
I
OUT=500mA
C
IN=1µF, COUT=2.2µF
0
100
200
300
400
500
0
1
2
3
4
5
6
7
8
9
10
Output Current (mA)
T
A=+25
oC
C
IN=1µF, COUT=2.2µF
-60
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
Junction Temperature (
0C)
I
OUT=50mA
I
OUT=100mA
I
OUT=150mA
I
OUT=300mA
I
OUT=500mA
AP2213-2.5
V
IN=3.5V, CIN=1µF, COUT=2.2µF
-60
-40
-20
0
20
40
60
80
100
120
140
2
3
4
5
6
7
8
9
10
11
12
13
V
EN=1.8V
V
EN=2V
V
EN=3V
V
EN=3.7V
Junction Temperature (
oC)
AP2213-2.5, V
IN=3.5V
C
IN=1µF, COUT=2.2µF, IOUT=100µA
-60
-40
-20
0
20
40
60
80
100
120
140
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V
EN=logic high
V
EN=logic low
Junction Temperature (
oC)
AP2213-2.5
C
IN=1µF, COUT=2.2µF
IOUT=100µA, V
IN=3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com