Electronic Components Datasheet Search
  English  ▼

X  

AP2213 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP2213 Datasheet HTML 12Page - Diodes Incorporated AP2213 Datasheet HTML 13Page - Diodes Incorporated AP2213 Datasheet HTML 14Page - Diodes Incorporated AP2213 Datasheet HTML 15Page - Diodes Incorporated AP2213 Datasheet HTML 16Page - Diodes Incorporated AP2213 Datasheet HTML 17Page - Diodes Incorporated AP2213 Datasheet HTML 18Page - Diodes Incorporated AP2213 Datasheet HTML 19Page - Diodes Incorporated AP2213 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
16 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: TO-252-2 (3)
1.29±0.1
0.470(0. 019)
0.600(0.024)
5
9
0
8
2.200(0. 087)
2.380(0. 094)
0.900(0. 035)
1.100(0. 043)
4.700REF
6.500(0. 256)
6.700(0. 264)
5.130(0.202)
5.460(0.215)
0.720(0.028)
0.850(0.033)
2.286(0. 090)
BSC
0.720(0.028)
0.900(0. 035)
8
0
7
3
9
5
Option 1
Option 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com