Electronic Components Datasheet Search
  English  ▼

X  

AP2213 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2213 Datasheet HTML 7Page - Diodes Incorporated AP2213 Datasheet HTML 8Page - Diodes Incorporated AP2213 Datasheet HTML 9Page - Diodes Incorporated AP2213 Datasheet HTML 10Page - Diodes Incorporated AP2213 Datasheet HTML 11Page - Diodes Incorporated AP2213 Datasheet HTML 12Page - Diodes Incorporated AP2213 Datasheet HTML 13Page - Diodes Incorporated AP2213 Datasheet HTML 14Page - Diodes Incorporated AP2213 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
11 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
Performance Characteristics (cont.)
Output Noise vs. Frequency
Line Transient
(Conditions: VIN=3.4V to 4.4V, VEN=2V, IOUT=100µA
CBYP=100pF, COUT=2.2µF)
Load Transient
VEN vs. VOUT
(Conditions: VIN=3.5V, CBYP=100pF, VEN=2V,
(Conditions: VEN=0V to 2V, VIN=3.5V, IOUT=30mA,
IOUT=10mA to 500mA, CIN=1.0µF, COUT=2.2µF)
CBYP=open, CIN=1.0µF, COUT=2.2µF)
PSRR vs. Frequency
Power Dissipation vs. Ambient Temperature
10
100
1k
10k
100k
1M
10M
100
10
1
0.1
0.01
0.001
Frequency (Hz)
AP2213-2.5
I
OUT=10mA, CIN=1µF, COUT=2.2µF
V
IN=3.5V, CBYP=100pF
0.0001
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2213-2.5
V
IN=3.5V, VRIPPLE=1VPP
I
OUT=10mA, COUT=2.2µF
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ambient Temperature (
oC)
TO-252-2(3) Package
No Heatsink
5.5
4.5
3.5
2.5
10
0
-10
-20
Time (200µs/Div)
AP2213-2.5
AP2213-2.5
1
0.5
0
-0.5
0
-10
-20
-30
Time (200µs/Div)
10mA
AP2213-2.5
3
2
1
0
2
1
0
-1
Time (40µs/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com