Electronic Components Datasheet Search
  English  ▼

X  

SCCZ1EB308SCB Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # SCCZ1EB308SCB
Description  High Capacitance Cylindrical SuperCapacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SCCZ1EB308SCB Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  SCCZ1EB308SCB Datasheet HTML 1Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 2Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 3Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 4Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 5Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 6Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 7Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 8Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 9Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SCC Series
High Capacitance Cylindrical SuperCapacitors
TDS-SC-0001 | Rev 1
0%
0%
0%
QUALITY AND RELIABILITY
200%
150%
100%
50%
700%
600%
500%
400%
300%
200%
100%
CAPACITANCE VS. TEMPERATURE
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
Temperature (ºC)
LEAKAGE CURRENT VS. TEMPERATURE
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
Temperatue (ºC)
EQUIVALENT SERIES RESISTANCE VS. TEMPERATURE
300%
250%
200%
150%
100%
50%
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
Temperature (°C)
– supercapacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com