Electronic Components Datasheet Search
  English  ▼

X  

SCCZ1EB308SCB Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # SCCZ1EB308SCB
Description  High Capacitance Cylindrical SuperCapacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SCCZ1EB308SCB Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  SCCZ1EB308SCB Datasheet HTML 1Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 2Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 3Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 4Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 5Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 6Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 7Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 8Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 9Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SCC Series
High Capacitance Cylindrical SuperCapacitors
Solder Temperature (ºC)
Suggested Solder
Time (s)
Maximum Solder
Time (s)
220
7
9
240
7
9
250
5
7
260
3
5
SOLDERING RECOMMENDATIONS
When soldering SuperCapacitors to a PCB, the temperature & time that the
body of the SuperCapacitor sees during soldering can have a negative effect
on performance. We advise following these guidelines:
• Do not immerse the SuperCapacitors in solder. Only the leads should
come in contact with the solder.
• Ensure that the body of the SuperCapacitor is never in contact with the
molten solder, the PCB or other components during soldering.
• Excessive temperatures or excessive temperature cycling during
soldering may cause the safety vent to burst or the case to shrink
or crack, potentially damaging the PCB or other components, and
significantly reduce the life of the capacitor.
PRECAUTION: For all products with shrink wrap sleeves, washing in any type of cleaning
agent is prohibited. During all soldering processes, it’s recommended to protect the
shrink wrap from any kind of liquid (including but not limited to: water, strong acid,
strong alkali, strong oxidizing solutions, and strong solvents) to avoid the risk of
damage, cracking, and fading of the outer shrink wrap.
HAND SOLDERING
Keep distance between the SuperCapacitor body and the tip of the soldering
iron and the tip should never touch the body of the capacitor. Contact between
SuperCapacitor body and soldering iron will cause extensive damage to the
SuperCapacitor, and change its electrical properties. It is recommended that
the soldering iron temperature should be less than 350°C, and contact time
should be limited to less than 4 seconds. Too much exposure to terminal
heat during soldering can cause heat to can cause heat to transfer to the
body of the SuperCapacitor, potentially damaging the electrical properties of
the SuperCapacitor.
WAVE SOLDERING
Only use wave soldering on Radial type SuperCapacitors. The PCB should
be preheated only from the bottom and for less than 60 seconds, with
temperature at, or below, 100°C on the top side of the board for PCBs equal
to or greater than 0.8 mm thick.
TDS-SC-0001 | Rev 1
– supercapacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com