Electronic Components Datasheet Search
  English  ▼

X  

SCCZ1EB308SCB Datasheet(PDF) 6 Page - Kyocera Kinseki Corpotation

Part # SCCZ1EB308SCB
Description  High Capacitance Cylindrical SuperCapacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SCCZ1EB308SCB Datasheet(HTML) 6 Page - Kyocera Kinseki Corpotation

  SCCZ1EB308SCB Datasheet HTML 1Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 2Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 3Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 4Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 5Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 6Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 7Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 8Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 9Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SCC Series
High Capacitance Cylindrical SuperCapacitors
TDS-SC-0001 | Rev 1
TEST METHODS
IEC CAPACITANCE TEST METHOD
Procedure:
Charge module under constant current to rated voltage at room temperature, then hold 10 minutes on charge under constant voltage. After
10 minutes, discharge under constant current (as shown in chart below), recording voltage at V
1, V2, and time intervals at t1 and t2. Use the
capacitance formula to determine cap value.
30 min
VR
V1
V2
t2
t1
Voltage
(V)
Time (s)
V3 ESR Drop
10 min
DC ESR MEASUREMENT
A six-step ESR
DC test method is illustrated to the
right and carried out as follows:
• Rest 10 Seconds
• Charge under constant current (I
1) to rated voltage (VR)
• Rest 5 seconds
• Rest 10 seconds, record V
3 and t4
• Discharge under constant current (I
2) to half rated voltage,
Record I
2, V4, And t5
• Rest 2 seconds, record V
5 And t6
Repeat steps 1-6 recording I, V, And t accordingly, finally discharging to
below 0.1V under constant current (I
2).
Formulas to calculate:
• Two cycle discharge capacitances:
• Discharge capacitance:
• Two cycle discharge DC ESR:
• Discharge DC ESR:
Note: I
1 = I2 = 75mA/F, the rated capacitance in the chart means discharge capacitance, and DC ESR (ESRDC) means discharge DC resistance.
50% VR
VR
I – Discharge Current, 4 × C × V
R (mA)
V
R – Rated Voltage (V)
V
1 – Initial Test Voltage, 80% Of VR (V)
V
2 – Final Test Voltage, 40% Of VR (V)
t
1 – Initial Test Time (s)
T
2 – Final Test Time (s)
C =
I × (t
2 − t1)
V1 - V2
C
dch1 = I2 ×
(t
5 − t4)
; C
dch2 = I2 ×
(t
11−t10 )
V
3 - V4
(V
9−V10 )
C
dch =
(C
dch1 + Cdch2)
2
ESR
dch1 =
(V
5 −V4)
;ESR
dch2=
(V
11 −V10)
I
2
I
2
ESR
dch =
(ESR
dch1+ ESRdch2)
2
– supercapacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com