Electronic Components Datasheet Search
  English  ▼

X  

SCCZ1EB308SCB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # SCCZ1EB308SCB
Description  High Capacitance Cylindrical SuperCapacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SCCZ1EB308SCB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  SCCZ1EB308SCB Datasheet HTML 1Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 2Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 3Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 4Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 5Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 6Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 7Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 8Page - Kyocera Kinseki Corpotation SCCZ1EB308SCB Datasheet HTML 9Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SCC Series
High Capacitance Cylindrical SuperCapacitors
QUALITY INSPECTIONS
Parts are tested for Life Cycle, high temperature load life, temperature
characteristics, vibration resistance, and humidity characteristics. See page
2 for more information.
The new series of cylindrical electrochemical double-layer capacitors offers excellent pulse power
handling characteristics based on the combination of very high capacitance and very low ESR. Used by
themselves or in conjunction with primary or secondary batteries, they provide extended back up time,
longer battery life, and provide instantaneous power pulses as needed. Offers great solutions to Hold
Up, Energy Harvesting, and Pulse Power Applications.
APPLICATIONS
• Camera Flash Systems
• Energy Harvesting
• GSM/GPRS Pulse Applications
• UPS/Industrial
• Wireless Alarms
• Remote Metering
• Scanners
• Toys and Games
TERMINATION
These SuperCapacitors are compatible with hand soldering and wave
soldering processes, so long as appropriate precautions are followed. See
"Soldering Recommendations" on page 5 for more information.
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.
HOW TO ORDER
FEATURES
• Cap Values from 1F – 3000F
• High pulse power capability
• Low ESR
• Low Leakage Current
OPERATING TEMPERATURE
-40°C to +65°C @ 2.7V
-40°C to +85°C @ 2.3V
SCC
Series
SuperCap
Cylindrical
R
Diameter
Q = 6.3mm
R = 8mm
S = 10mm
T = 12.5mm
U = 16mm
V = 18mm
W = 22mm
X = 30mm
Y = 35mm
Z = 60mm
12
Case Length
Two digits
represent case
length in mm, with
the exception of
the following:
1E = 138mm
B
Voltage
Code
B = 2.7V
105
Capacitance Code
1st two digits represent
significant figures 3rd
digit represents multiplier
(number of zeros to follow)
in µF
P
Tolerance
P = +100%/-0%
S = +30%/-10%
R
Lead Format
R = Radial
S = Solder Pin
N = Snap-in
C = Weldable Lug
W = Screw
B
Package
B = Bulk
A = Ammo*
T = Tray**
Custom Code
A1= 4mm Bent Leads*
C1 = 2mm Bent Leads*
_
TDS-SC-0001 | Rev 1
* Inquire about availability for Radial Leads only
**Inquire about availability
– supercapacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - SCCZ1EB308SCB

ManufacturerPart #DatasheetDescription
logo
HolyStone International
SCC HOLYSTONECAPS-SCC Datasheet
220Kb / 3P
Safety Capacitors rated to 250Vac
logo
Cornell Dubilier Electr...
SCC CDE-SCC Datasheet
204Kb / 3P
Dual IGBT Clamp-Snubber Modules
logo
3M Electronics
SCC 1000 3M-SCC 1000 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
Adam Technologies, Inc.
SCC-06-SG-HC-NS-NP-TR ADAM-TECH-SCC-06-SG-HC-NS-NP-TR Datasheet
84Kb / 1P
SIM CARD 6 PIN
SCC-06-SG-HC-NS-TR ADAM-TECH-SCC-06-SG-HC-NS-TR Datasheet
99Kb / 1P
SIM CARD 6 PIN
More results

Similar Description - SCCZ1EB308SCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
PB-5R0V104-R COOPER-PB-5R0V104-R_15 Datasheet
365Kb / 2P
5.0 volt cylindrical supercapacitors
logo
AVX Corporation
SCC-LE AVX-SCC-LE Datasheet
414Kb / 8P
New Low ESR Cylindrical SuperCapacitors
logo
Eaton All Rights Reserv...
A0820-2R5474-R EATON-A0820-2R5474-R Datasheet
1Mb / 3P
A Supercapacitors Cylindrical cells
PA-5R0V224-R EATON-PA-5R0V224-R Datasheet
319Kb / 3P
PA Supercapacitors Cylindrical pack
logo
Kyocera Kinseki Corpota...
SCC-3.0V KSS-SCC-3.0V Datasheet
666Kb / 8P
High Capacitance Cylindrical SuperCapacitors
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com