Electronic Components Datasheet Search
  English  ▼

X  

LP2989LV Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2989LV
Description  Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989LV Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP2989LV Datasheet HTML 3Page - National Semiconductor (TI) LP2989LV Datasheet HTML 4Page - National Semiconductor (TI) LP2989LV Datasheet HTML 5Page - National Semiconductor (TI) LP2989LV Datasheet HTML 6Page - National Semiconductor (TI) LP2989LV Datasheet HTML 7Page - National Semiconductor (TI) LP2989LV Datasheet HTML 8Page - National Semiconductor (TI) LP2989LV Datasheet HTML 9Page - National Semiconductor (TI) LP2989LV Datasheet HTML 10Page - National Semiconductor (TI) LP2989LV Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Hints
LLP Package Devices
The LP2989LV is offered in the 8 lead LLP surface mount
package to allow for increased power dissipation compared
to the SO-8 and Mini SO-8. For details on thermal perfor-
mance as well as mounting and soldering specifications,
refer to Application Note AN-1187.
For output voltages
≥ 2V, see LP2989 datasheet.
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP2989LV requires ex-
ternal capacitors for regulator stability.These capacitors
must be correctly selected for good performance.
INPUT CAPACITOR: An input capacitor whose capacitance
is at least 2.2 µF is required between the LP2989LV input
and ground (the amount of capacitance may be increased
without limit).
Characterization testing performed on the LP2989LV has
shown that if the amount of actual input capacitance drops
below about 1.5 µF, an unstable operating condition may
result. Therefore, the next larger standard size (2.2 µF) is
specified as the minimum required input capacitance. Ca-
pacitor tolerance and temperature variation must be consid-
ered when selecting a capacitor (see Capacitor Character-
istics section) to assure the minimum requirement of 1.5 µF
is met over all operating conditions.
The input capacitor must be located at a distance of not
more than 0.5" from the input pin and returned to a clean
analog ground. Any good quality ceramic or tantalum may be
used for this capacitor, assuming the minimum capacitance
requirement is met.
OUTPUT CAPACITOR: The LP2989LV requires a ceramic
output capacitor whose size is at least 10 µF. The actual
amount of capacitance on the output must never drop below
about 7 µF or unstable operation may result. For this reason,
capacitance tolerance and temperature characteristics must
be considered when selecting an output capacitor
The LP2989LV is designed specifically to work with ceramic
output capacitors, utilizing circuitry which allows the regula-
tor to be stable across the entire range of output current with
an output capacitor whose ESR is as low as 4 m
Ω.Itmay
also be possible to use Tantalum or film capacitors at the
output, but these are not as attractive for reasons of size and
cost (see next section Capacitor Characteristics).
The output capacitor must meet the requirement for mini-
mum amount of capacitance and also have an ESR (equiva-
lent series resistance) value which is within the stable range.
Curves are provided which show the stable ESR range as a
function of load current (see ESR graph below).
10135738
Stable Region For Output Capacitor ESR
Important: The output capacitor must maintain its ESR
within the stable region over the full operating temperature
range of the application to assure stability.
It is important to remember that capacitor tolerance and
variation with temperature must be taken into consideration
when selecting an output capacitor so that the minimum
required amount of output capacitance is provided over the
full operating temperature range. (See Capacitor Character-
istics section).
The output capacitor must be located not more than 0.5"
from the output pin and returned to a clean analog ground.
NOISE BYPASS CAPACITOR: Connecting a 10 nF capaci-
tor to the Bypass pin significantly reduces noise on the
regulator output. However, the capacitor is connected di-
rectly to a high-impedance circuit in the bandgap reference.
Because this circuit has only a few microamperes flowing in
it, any significant loading on this node will cause a change in
the regulated output voltage. For this reason, DC leakage
current through the noise bypass capacitor must never ex-
ceed 100 nA, and should be kept as low as possible for best
output voltage accuracy.
The types of capacitors best suited for the noise bypass
capacitor are ceramic and film. High-quality ceramic capaci-
tors with either NPO or COG dielectric typically have very
low leakage. 10 nF polypropolene and polycarbonate film
capacitors are available in small surface-mount packages
and typically have extremely low leakage current.
CAPACITOR CHARACTERISTICS
CERAMIC: The LP2989LV was designed to work with ce-
ramic capacitors on the output to take advantage of the
benefits they offer: for capacitance values in the 10 µF
range, ceramics are the least expensive and also have the
lowest ESR values (which makes them best for eliminating
high-frequency noise). The ESR of a typical 10 µF ceramic
capacitor is in the range of 5 m
Ω to 10 mΩ, which meets the
ESR limits required for stability by the LP2989LV.
One disadvantage of ceramic capacitors is that their capaci-
tance can vary with temperature. Many large value ceramic
capacitors (
≥ 2.2 µF) are manufactured with the Z5U or Y5V
temperature characteristic, which results in the capacitance
dropping by more than 50% as the temperature goes from
25˚C to 85˚C.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com