Electronic Components Datasheet Search
  English  ▼

X  

LP2989LV Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2989LV
Description  Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989LV Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP2989LV Datasheet HTML 3Page - National Semiconductor (TI) LP2989LV Datasheet HTML 4Page - National Semiconductor (TI) LP2989LV Datasheet HTML 5Page - National Semiconductor (TI) LP2989LV Datasheet HTML 6Page - National Semiconductor (TI) LP2989LV Datasheet HTML 7Page - National Semiconductor (TI) LP2989LV Datasheet HTML 8Page - National Semiconductor (TI) LP2989LV Datasheet HTML 9Page - National Semiconductor (TI) LP2989LV Datasheet HTML 10Page - National Semiconductor (TI) LP2989LV Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Hints (Continued)
This could cause problems if a 10 µF Y5V capacitor were
used on the output since it will drop down to approximately
5 µF at high ambient temperatures (which could cause the
LP2989LV to oscillate).
Another significant problem with Z5U and Y5V dielectric
devices is that the capacitance drops severely with applied
voltage. A typical Z5U or Y5V capacitor can lose 60% of its
rated capacitance with half of the rated voltage applied to it.
For these reasons, X7R and X5R type ceramic capaci-
tors must be used on the input and output of the
LP2989LV.
TANTALUM: Tantalum output capacitors are not recom-
mended for use with the LP2989LV because:
Tantalum capacitors are less desirable than ceramics for use
as output capacitors because they are typically more expen-
sive when comparing equivalent capacitance and voltage
ratings in the 1 µF to 10 µF range.
Another important consideration is that Tantalum capacitors
have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a Tantalum
capacitor with an ESR value within the stable range, it would
have to be larger in capacitance (which means bigger and
more costly) than a ceramic capacitor with the same ESR
value.
Most 10 µF Tantalum capacitors have ESR values higher
than the 0.5
Ω maximum limit required to make the
LP2989LV stable.
It should also be noted that the ESR of a typical Tantalum will
increase about 2:1 as the temperature goes from 25˚C down
to −40˚C, so some guard band must be allowed.
FILM: Polycarbonate and polypropelene film capacitors
have excellent electrical performance: their ESR is the low-
est of the three types listed, their capacitance is very stable
with temperature, and DC leakage currrent is extremely low.
One disadvantage is that film capacitors are larger in physi-
cal size than ceramic or tantalum which makes film a poor
choice for either input or output capacitors.
However, their low leakage makes them a good choice for
the noise bypass capacitor. Since the required amount of
capacitance is only .01 µF, small surface-mount film capaci-
tors are avalable in this size.
SHUTDOWN INPUT OPERATION
The LP2989LV is shut off by driving the Shutdown input low,
and turned on by pulling it high. If this feature is not to be
used, the Shutdown input should be tied to V
IN to keep the
regulator output on at all times.
To assure proper operation, the signal source used to drive
the Shutdown input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds listed in the
Electrical Characteristics section under V
ON/OFF.
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the
LP2989LV has an inherent diode connected between the
regulator output and input.
During normal operation (where the input voltage is higher
than the output) this diode is reverse-biased.
However, if the output is pulled above the input, this diode
will turn ON and current will flow into the regulator output.
In such cases, a parasitic SCR can latch which will allow a
high current to flow into V
IN (and out the ground pin), which
can damage the part.
In any application where the output may be pulled above the
input, an external Schottky diode must be connected from
V
IN to VOUT (cathode on VIN, anode on VOUT), to limit the
reverse voltage across the LP2989LV to 0.3V (see Absolute
Maximum Ratings).
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com