Electronic Components Datasheet Search
  English  ▼

X  

LP2989LV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2989LV
Description  Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989LV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2989LV Datasheet HTML 1Page - National Semiconductor (TI) LP2989LV Datasheet HTML 2Page - National Semiconductor (TI) LP2989LV Datasheet HTML 3Page - National Semiconductor (TI) LP2989LV Datasheet HTML 4Page - National Semiconductor (TI) LP2989LV Datasheet HTML 5Page - National Semiconductor (TI) LP2989LV Datasheet HTML 6Page - National Semiconductor (TI) LP2989LV Datasheet HTML 7Page - National Semiconductor (TI) LP2989LV Datasheet HTML 8Page - National Semiconductor (TI) LP2989LV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP2989LV
Micropower 500 mA Low Noise Low Dropout Regulator
for Applications with Output Voltages < 2V
Designed for Use with Very Low ESR Output Capacitors
General Description
The LP2989LV is a 500 mA fixed-output voltage regulator
designed to provide high performance and low noise in
applications requiring output voltages < 2V.
Output noise can be reduced to 18µV (typical) by connecting
an external 10 nF capacitor to the bypass pin.
Using an optimized VIP™ (Vertically Integrated PNP) pro-
cess, the LP2989LV delivers superior performance:
Ground Pin Current: Typically 3 mA @ 500 mA load, and
110 µA @ 100 µA load.
Sleep Mode: The LP2989LV draws less than 0.8 µA quies-
cent current when shutdown pin is pulled low.
Error Flag: The built-in error flag goes low when the output
drops approximately 5% below nominal.
Precision Output: Guaranteed output voltage accuracy is
0.75% (“A” grade) and 1.25% (standard grade) at room
temperature.
For output voltages
≥ 2V, see LP2989 datasheet.
Features
n
Ultra low dropout voltage
n
Guaranteed 500 mA continuous output current
n
Very low output noise with external capacitor
n
SO-8, Mini SO-8, 8 Lead LLP surface mount packages
n <
0.8 µA quiescent current when shutdown
n
Low ground pin current at all loads
n
0.75% output voltage accuracy (“A” grade)
n
High peak current capability (800 mA typical)
n
Wide supply voltage range (16V max)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Notebook/Desktop PC
n
PDA/Palmtop Computer
n
Wireless Communication Terminals
n
SMPS Post-Regulator
Block Diagram
10135701
VIP™ is a trademark of National Semiconductor Corporation.
February 2005
© 2005 National Semiconductor Corporation
DS101357
www.national.com


Similar Part No. - LP2989LV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2989LV TI-LP2989LV Datasheet
1Mb / 26P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
LP2989LV TI2-LP2989LV Datasheet
720Kb / 28P
LP2989LV Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
REVISED JULY 2015
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
More results

Similar Description - LP2989LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980LV NSC-LP2980LV Datasheet
344Kb / 14P
Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2989 NSC-LP2989 Datasheet
616Kb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com