Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3041
Description  BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3041 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3041 Datasheet HTML 1Page - Diodes Incorporated AP3041 Datasheet HTML 2Page - Diodes Incorporated AP3041 Datasheet HTML 3Page - Diodes Incorporated AP3041 Datasheet HTML 4Page - Diodes Incorporated AP3041 Datasheet HTML 5Page - Diodes Incorporated AP3041 Datasheet HTML 6Page - Diodes Incorporated AP3041 Datasheet HTML 7Page - Diodes Incorporated AP3041 Datasheet HTML 8Page - Diodes Incorporated AP3041 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP3041
Document number: DS41887 Rev. 2 - 2
5 of 14
www.diodes.com
August 2019
© Diodes Incorporated
AP3041
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Value
Unit
VIN
Input Voltage
30
V
VCC
VCC Pin Voltage
20
V
VOUT
OUT Pin Voltage
20
V
VFAULT
FAULT Pin Voltage
20
V
VFB
FB Pin Voltage
20
V
VUVLO
UVLO Pin Voltage
7
V
VCS
CS Pin Voltage
20
V
VSC
SC Pin Voltage
7
V
VFLAG
FLAG Pin Voltage
7
V
VSS/COMP
SS/COMP Pin Voltage
7
V
VRT
RT Pin Voltage
7
V
VPWM
PWM Pin Voltage
7
V
VEN
EN Pin Voltage
30
V
VOV
OV Pin Voltage
7
V
θJA
Thermal Resistance (Junction to Ambient, No Heat Sink, Free Air)
82
ºC/W
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10s)
+260
ºC
—
ESD (Human Body Model)
2000
V
—
ESD (Machine Model)
200
V
Note:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
5
27
V
f
Operating Frequency
0.1
1
MHz
TJ
Operating Temperature Range
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com