Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3041
Description  BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3041 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3041 Datasheet HTML 1Page - Diodes Incorporated AP3041 Datasheet HTML 2Page - Diodes Incorporated AP3041 Datasheet HTML 3Page - Diodes Incorporated AP3041 Datasheet HTML 4Page - Diodes Incorporated AP3041 Datasheet HTML 5Page - Diodes Incorporated AP3041 Datasheet HTML 6Page - Diodes Incorporated AP3041 Datasheet HTML 7Page - Diodes Incorporated AP3041 Datasheet HTML 8Page - Diodes Incorporated AP3041 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP3041
Document number: DS41887 Rev. 2 - 2
2 of 14
www.diodes.com
August 2019
© Diodes Incorporated
AP3041
Typical Applications Circuit
OUT
CS
OV
VIN
UVLO
RT
CT
SS/COMP
EN
FB
GND
VCC
System Power Supply
SC
FLAG
OFF ON
PWM
FAULT
PWM
CIN
R1
R2
CV
5V to 27V
RT
CT
RC
CSS
RSS
CSC
R5
Q2
COUT
R4
R3
Q1
D1
L
CVIN
To AC-DC Protection
6
3
4
5
10
1
13
12
8
15
14
9
2
11
7
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com