Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3041
Description  BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3041 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3041 Datasheet HTML 3Page - Diodes Incorporated AP3041 Datasheet HTML 4Page - Diodes Incorporated AP3041 Datasheet HTML 5Page - Diodes Incorporated AP3041 Datasheet HTML 6Page - Diodes Incorporated AP3041 Datasheet HTML 7Page - Diodes Incorporated AP3041 Datasheet HTML 8Page - Diodes Incorporated AP3041 Datasheet HTML 9Page - Diodes Incorporated AP3041 Datasheet HTML 10Page - Diodes Incorporated AP3041 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP3041
Document number: DS41887 Rev. 2 - 2
7 of 14
www.diodes.com
August 2019
© Diodes Incorporated
AP3041
Electrical Characteristics (continued, VCC=12V, VEN=3.3V, TA=+25ºC, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DMAX
Maximum Duty Cycle
f=200kHz
80
90
—
%
ISS
Soft-Start Current Source
—
16
22
28
μA
tRISE
OUT Pin Rising Time
COUT=1nF
—
20
—
ns
tFALL
OUT Pin Falling Time
COUT=1nF
—
20
—
VOUT-H
OUT High Voltage Level (VCC-VOUT)
IOUT=50mA
—
0.25
0.75
V
VOUT-L
OUT Low Voltage Level (VOUT)
IOUT=50mA
—
0.25
0.75
V
tRISE
FAULT Pin Rising Time
CFAULT=1nF
—
100
—
ns
tFALL
FAULT Pin Falling Time
CFAULT=1nF
—
100
—
VFAULT_H
FAULT High Voltage Level
(VCC-VFAULT)
IFAULT=10mA
—
0.25
0.75
V
VFAULT_L
FAULT Low Voltage Level
IFAULT=10mA
—
0.25
0.75
V
tD
FAULT Minimum Pulse Width
Oscillator
Frequency=200kHz
—
20
—
μs
VFLAG-H
FLAG High Voltage Level
IFLAG=500μA
—
2
—
V
VFLAG-L
FLAG Low Voltage Level
IFLAG=500μA
—
0.25
0.75
V
TOTSD
Thermal Shutdown Temperature
—
—
+160
—
ºC
THYS
Thermal Shutdown Hysteresis
—
—
+20
—
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com