Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3041
Description  BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3041 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3041 Datasheet HTML 1Page - Diodes Incorporated AP3041 Datasheet HTML 2Page - Diodes Incorporated AP3041 Datasheet HTML 3Page - Diodes Incorporated AP3041 Datasheet HTML 4Page - Diodes Incorporated AP3041 Datasheet HTML 5Page - Diodes Incorporated AP3041 Datasheet HTML 6Page - Diodes Incorporated AP3041 Datasheet HTML 7Page - Diodes Incorporated AP3041 Datasheet HTML 8Page - Diodes Incorporated AP3041 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP3041
Document number: DS41887 Rev. 2 - 2
3 of 14
www.diodes.com
August 2019
© Diodes Incorporated
AP3041
Pin Descriptions
Pin Number
Pin Name
Function
1
CT
Capacitor Setting Shut Down Delay Time
2
OV
Over Output Voltage Protection Pin
3
UVLO
Two resistors connected from this pin to GND and the power supply respectively is used to
set start-up and shutdown level.
4
EN
Enable Pin
5
VIN
Input supply pin. This pin must be locally bypassed.
6
VCC
This pin should be bypassed to GND with a ceramic capacitor.
7
OUT
Connect this pin to the gate of external MOSFET, the gate driver has 1A peak current
capability.
8
GND
Ground
9
FAULT
This pin can be used to drive the external MOSFET. The logic of the driver signal is
controlled by that of PWM pin and the signal phase of them is the same. This pin is pulled to
ground under fault condition of OVP, UVLO, OTP, diode short circuit and LED short circuit.
10
RT
An external resistor connected from this pin to GND is used to set the operating frequency.
11
CS
Sense switch current pin, which is used for current mode control and for current limit. The
current limit voltage is 500mV.
12
SC
Slope compensation for current sense. A resistor between SC and GND will program the
slope compensation.
13
SS/COMP
An external soft-start time capacitor is placed from this pin to GND and is charged by an
internal 20
μA current source to control regulator soft-start time.
Compensation pin. This pin is the output of the internal error amplifier.
14
FB
Voltage feedback pin. The reference voltage is 500mV.
15
PWM
This pin can be connected to current matched chip and receives error signal used to shut
down the system.
16
FLAG
Fault condition output pin. When the output is in short circuit condition, the FLAG outputs
logic low to shut down the power path. Please refer to the application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com