Electronic Components Datasheet Search
  English  ▼

X  

LM2832 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM2832 Datasheet HTML 19Page - National Semiconductor (TI) LM2832 Datasheet HTML 20Page - National Semiconductor (TI) LM2832 Datasheet HTML 21Page - National Semiconductor (TI) LM2832 Datasheet HTML 22Page - National Semiconductor (TI) LM2832 Datasheet HTML 23Page - National Semiconductor (TI) LM2832 Datasheet HTML 24Page - National Semiconductor (TI) LM2832 Datasheet HTML 25Page - National Semiconductor (TI) LM2832 Datasheet HTML 26Page - National Semiconductor (TI) LM2832 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
LM2832X Buck Converter & Voltage Double Circuit with LDO Follower
Design Example 9
Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1
2.0A Buck Regulator
NSC
LM2832X
U2
200mA LDO
NSC
LP2986-5.0
C1, Input Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
2x22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C3 – C6
2.2µF, 6.3V, X5R
TDK
C1608X5R0J225M
D1, Catch Diode
0.4V
f Schottky 2A, 20VR
Diodes Inc.
B220/A
D2
0.4V
f Schottky 20VR, 500mA
ON Semi
MBR0520
L2
10µH, 800mA
CoilCraft
ME3220-103
L1
2.2µH, 3.5A
CoilCraft
DS3316P-222
R2
45.3k
Ω, 1%
Vishay
CRCW08054532F
R1
10.0k
Ω, 1%
Vishay
CRCW08051002F
20197563
FIGURE 14. LM2832X (1.6MHz): Vin = 5V, Vo = 3.3V @ 2.0A & LP2986-5.0 @ 150mA
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com