Electronic Components Datasheet Search
  English  ▼

X  

LM2832 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2832 Datasheet HTML 1Page - National Semiconductor (TI) LM2832 Datasheet HTML 2Page - National Semiconductor (TI) LM2832 Datasheet HTML 3Page - National Semiconductor (TI) LM2832 Datasheet HTML 4Page - National Semiconductor (TI) LM2832 Datasheet HTML 5Page - National Semiconductor (TI) LM2832 Datasheet HTML 6Page - National Semiconductor (TI) LM2832 Datasheet HTML 7Page - National Semiconductor (TI) LM2832 Datasheet HTML 8Page - National Semiconductor (TI) LM2832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN
-0.5V to 7V
FB Voltage
-0.5V to 3V
EN Voltage
-0.5V to 7V
SW Voltage
-0.5V to 7V
ESD Susceptibility
2kV
Junction Temperature (Note 2)
150˚C
Storage Temperature
−65˚C to +150˚C
Soldering Information
Infrared or Convection Reflow
(15 sec)
220˚C
Operating Ratings
VIN
3V to 5.5V
Junction Temperature
−40˚C to +125˚C
Electrical Characteristics VIN = 5V unless otherwise indicated under the Conditions column. Limits in
standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C to
+125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
FB
Feedback Voltage
LLP-6 Package
0.588
0.600
0.612
V
eMSOP-8 Package
0.584
0.600
0.616
∆V
FB/VIN
Feedback Voltage Line Regulation
V
IN = 3V to 5V
0.02
%/V
I
B
Feedback Input Bias Current
0.1
100
nA
UVLO
Undervoltage Lockout
V
IN Rising
2.73
2.90
V
V
IN Falling
1.85
2.3
UVLO Hysteresis
0.43
V
F
SW
Switching Frequency
LM2832-X
1.2
1.6
1.95
MHz
LM2832-Y
0.4
0.55
0.7
LM2832-Z
2.25
3.0
3.75
D
MAX
Maximum Duty Cycle
LM2832-X
86
94
%
LM2832-Y
90
96
LM2832-Z
82
90
D
MIN
Minimum Duty Cycle
LM2832-X
5
%
LM2832-Y
2
LM2832-Z
7
R
DS(ON)
Switch On Resistance
LLP-6 Package
150
m
Ω
eMSOP-8 Package
155
240
I
CL
Switch Current Limit
V
IN = 3.3V
2.4
3.25
A
V
EN_TH
Shutdown Threshold Voltage
0.4
V
Enable Threshold Voltage
1.8
I
SW
Switch Leakage
100
nA
I
EN
Enable Pin Current
Sink/Source
100
nA
I
Q
Quiescent Current (switching)
LM2832X V
FB = 0.55
3.3
5
mA
LM2831Y V
FB = 0.55
2.8
4.5
LM2832Z V
FB = 0.55
4.3
6.5
Quiescent Current (shutdown)
All Options V
EN =0V
30
nA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com