Electronic Components Datasheet Search
  English  ▼

X  

LM2832 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2832 Datasheet HTML 1Page - National Semiconductor (TI) LM2832 Datasheet HTML 2Page - National Semiconductor (TI) LM2832 Datasheet HTML 3Page - National Semiconductor (TI) LM2832 Datasheet HTML 4Page - National Semiconductor (TI) LM2832 Datasheet HTML 5Page - National Semiconductor (TI) LM2832 Datasheet HTML 6Page - National Semiconductor (TI) LM2832 Datasheet HTML 7Page - National Semiconductor (TI) LM2832 Datasheet HTML 8Page - National Semiconductor (TI) LM2832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Electrical Characteristics VIN = 5V unless otherwise indicated under the Conditions column. Limits in
standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C to
+125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
θ
JA
Junction to Ambient
0 LFPM Air Flow (Note 3)
LLP-6 and eMSOP-8
Packages
80
˚C/W
θ
JC
Junction to Case (Note 3)
LLP-6 and eMSOP-8
Packages
18
˚C/W
T
SD
Thermal Shutdown Temperature
165
˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for which the device is
intended to be functional, but does not guarantee specfic performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
Note 3: Applies for packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com