Electronic Components Datasheet Search
  English  ▼

X  

LM2832 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2832 Datasheet HTML 11Page - National Semiconductor (TI) LM2832 Datasheet HTML 12Page - National Semiconductor (TI) LM2832 Datasheet HTML 13Page - National Semiconductor (TI) LM2832 Datasheet HTML 14Page - National Semiconductor (TI) LM2832 Datasheet HTML 15Page - National Semiconductor (TI) LM2832 Datasheet HTML 16Page - National Semiconductor (TI) LM2832 Datasheet HTML 17Page - National Semiconductor (TI) LM2832 Datasheet HTML 18Page - National Semiconductor (TI) LM2832 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Thermal Definitions (Continued)
Thermal impedance from the silicon junction to the ambient
air is defined as:
The PCB size, weight of copper used to route traces and
ground plane, and number of layers within the PCB can
greatly effect RθJA. The type and number of thermal vias can
also make a large difference in the thermal impedance.
Thermal vias are necessary in most applications. They con-
duct heat from the surface of the PCB to the ground plane.
Four to six thermal vias should be placed under the exposed
pad to the ground plane if the LLP package is used.
Thermal impedance also depends on the thermal properties
of the application operating conditions (Vin, Vo, Io etc), and
the surrounding circuitry.
Silicon Junction Temperature Determination Method 1:
To accurately measure the silicon temperature for a given
application, two methods can be used. The first method
requires the user to know the thermal impedance of the
silicon junction to top case temperature.
Some clarification needs to be made before we go any
further.
RθJC is the thermal impedance from all six sides of an IC
package to silicon junction.
RΦJC is the thermal impedance from top case to the silicon
junction.
In this data sheet we will use RΦJC so that it allows the user
to measure top case temperature with a small thermocouple
attached to the top case.
RΦJC is approximately 30˚C/Watt for the 6-pin LLP package
with the exposed pad. Knowing the internal dissipation from
the efficiency calculation given previously, and the case
temperature, which can be empirically measured on the
bench we have:
Therefore:
T
j =(R
ΦJC xPLOSS)+ TC
From the previous example:
T
j =(R
ΦJC xPINTERNAL)+ TC
T
j = 30˚C/W x 0.339W + TC
The second method can give a very accurate silicon junction
temperature.
The first step is to determine RθJA of the application. The
LM2832 has over-temperature protection circuitry. When the
silicon temperature reaches 165˚C, the device stops switch-
ing. The protection circuitry has a hysteresis of about 15˚C.
Once the silicon temperature has decreased to approxi-
mately 150˚C, the device will start to switch again. Knowing
this, the RθJA for any application can be characterized during
the early stages of the design one may calculate the RθJA by
placing the PCB circuit into a thermal chamber. Raise the
ambient temperature in the given working application until
the circuit enters thermal shutdown. If the SW-pin is moni-
tored, it will be obvious when the internal PFET stops switch-
ing, indicating a junction temperature of 165˚C. Knowing the
internal power dissipation from the above methods, the junc-
tion temperature, and the ambient temperature RθJA can be
determined.
Once this is determined, the maximum ambient temperature
allowed for a desired junction temperature can be found.
An example of calculating RθJA for an application using the
National Semiconductor LM2832 LLP demonstration board
is shown below.
The four layer PCB is constructed using FR4 with 1⁄2 oz
copper traces. The copper ground plane is on the bottom
layer. The ground plane is accessed by two vias. The board
measures 3.0cm x 3.0cm. It was placed in an oven with no
forced airflow. The ambient temperature was raised to
126˚C, and at that temperature, the device went into thermal
shutdown.
From the previous example:
P
INTERNAL = 339mW
If the junction temperature was to be kept below 125˚C, then
the ambient temperature could not go above 86˚C.
T
j -(R
θJA xPLOSS)= TA
125˚C - (115˚C/W x 339mW) = 86˚C
LLP Package
For certain high power applications, the PCB land may be
modified to a "dog bone" shape (see Figure 6). By increasing
the size of ground plane, and adding thermal vias, the RθJA
for the application can be reduced.
20197568
FIGURE 4. Internal LLP Connection
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com