Electronic Components Datasheet Search
  English  ▼

X  

COP888CG Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CG
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button COP888CG Datasheet HTML 24Page - National Semiconductor (TI) COP888CG Datasheet HTML 25Page - National Semiconductor (TI) COP888CG Datasheet HTML 26Page - National Semiconductor (TI) COP888CG Datasheet HTML 27Page - National Semiconductor (TI) COP888CG Datasheet HTML 28Page - National Semiconductor (TI) COP888CG Datasheet HTML 29Page - National Semiconductor (TI) COP888CG Datasheet HTML 30Page - National Semiconductor (TI) COP888CG Datasheet HTML 31Page - National Semiconductor (TI) COP888CG Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Memory Map
All RAM ports and registers (except A and PC) are mapped into data memory address space
Address
Contents
SADD REG
0000 to 006F
On-Chip RAM bytes (112 bytes)
0070 to 007F
Unused RAM Address Space (Reads
As All Ones)
xx80 to xxAF
Unused RAM Address Space (Reads
Undefined Data)
xxB0
Timer T3 Lower Byte
xxB1
Timer T3 Upper Byte
xxB2
Timer T3 Autoload Register T3RA
Lower Byte
xxB3
Timer T3 Autoload Register T3RA
Upper Byte
xxB4
Timer T3 Autoload Register T3RB
Lower Byte
xxB5
Timer T3 Autoload Register T3RB
Upper Byte
xxB6
Timer T3 Control Register
xxB7
Comparator Select Register (CMPSL)
xxB8
UART Transmit Buffer (TBUF)
xxB9
UART Receive Buffer (RBUF)
xxBA
UART Control and Status Register
(ENU)
xxBB
UART Receive Control and Status
Register (ENUR)
xxBC
UART Interrupt and Clock Source
Register (ENUI)
xxBD
UART Baud Register (BAUD)
xxBE
UART Prescale Select Register (PSR)
xxBF
Reserved for UART
xxC0
Timer T2 Lower Byte
xxC1
Timer T2 Upper Byte
xxC2
Timer T2 Autoload Register T2RA
Lower Byte
xxC3
Timer T2 Autoload Register T2RA
Upper Byte
xxC4
Timer T2 Autoload Register T2RB
Lower Byte
xxC5
Timer T2 Autoload Register T2RB
Upper Byte
xxC6
Timer T2 Control Register
xxC7
WATCHDOG Service Register
(RegWDSVR)
xxC8
MIWU Edge Select Register
(RegWKEDG)
xxC9
MIWU Enable Register (RegWKEN)
xxCA
MIWU Pending Register
(RegWKPND)
xxCB
Reserved
xxCC
Reserved
xxCD to xxCF
Reserved
Address
Contents
SADD REG
xxD0
Port L Data Register
xxD1
Port L Configuration Register
xxD2
Port L Input Pins (Read Only)
xxD3
Reserved for Port L
xxD4
Port G Data Register
xxD5
Port G Configuration Register
xxD6
Port G Input Pins (Read Only)
xxD7
Port I Input Pins (Read Only)
xxD8
Reserved
xxD9
Reserved
xxDA
Reserved
xxDB
Reserved
xxDC
Port D
xxDD to DF
Reserved for Port D
xxE0 to xxE5
Reserved for EE Control Registers
xxE6
Timer T1 Autoload Register T1RB
Lower Byte
xxE7
Timer T1 Autoload Register T1RB
Upper Byte
xxE8
ICNTRL Register
xxE9
MICROWIREPLUS Shift Register
xxEA
Timer T1 Lower Byte
xxEB
Timer T1 Upper Byte
xxEC
Timer T1 Autoload Register T1RA
Lower Byte
xxED
Timer T1 Autoload Register T1RA
Upper Byte
xxEE
CNTRL Control Register
xxEF
PSW Register
xxF0 to FB
On-Chip RAM Mapped as Registers
xxFC
X Register
xxFD
SP Register
xxFE
B Register
xxFF
S Register
0100 – 017F
On-Chip 128 RAM Bytes
Note
Reading memory locations 0070H–007FH (Segment 0) will return all
ones Reading unused memory locations 0080H–00AFH (Segment 0) will
return undefined data Reading memory locations from other Segments (ie
Segment 2 Segment 3
etc) will return all ones
http
www nationalcom
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com