Electronic Components Datasheet Search
  English  ▼

X  

COP888CG Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CG
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP888CG Datasheet HTML 2Page - National Semiconductor (TI) COP888CG Datasheet HTML 3Page - National Semiconductor (TI) COP888CG Datasheet HTML 4Page - National Semiconductor (TI) COP888CG Datasheet HTML 5Page - National Semiconductor (TI) COP888CG Datasheet HTML 6Page - National Semiconductor (TI) COP888CG Datasheet HTML 7Page - National Semiconductor (TI) COP888CG Datasheet HTML 8Page - National Semiconductor (TI) COP888CG Datasheet HTML 9Page - National Semiconductor (TI) COP888CG Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Pin Descriptions
VCC and GND are the power supply pins
CKI is the clock input This can come from an RC generat-
ed oscillator or a crystal oscillator (in conjunction with
CKO) See Oscillator Description section
RESET is the master reset input See Reset Description
section
The device contains two bidirectional 8-bit IO ports (G and
L) where each individual bit may be independently config-
ured as an input (Schmitt trigger inputs on ports L and G)
output or TRI-STATE under program control Three data
memory address locations are allocated for each of these
IO ports Each IO port has two associated 8-bit memory
mapped registers the CONFIGURATION register and the
output DATA register A memory mapped address is also
reserved for the input pins of each IO port (See the memo-
ry map for the various addresses associated with the IO
ports)
Figure 4 shows the IO port configurations The
DATA and CONFIGURATION registers allow for each port
bit to be individually configured under software control as
shown below
CONFIGURATION
DATA
Port Set-Up
Register
Register
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
PORT L is an 8-bit IO port All L-pins have Schmitt triggers
on the inputs
Port L supports Multi-Input Wake Up (MIWU) on all eight
pins L1 is used for the UART external clock L2 and L3 are
used for the UART transmit and receive L4 and L5 are used
for the timer input functions T2A and T2B L6 and L7 are
used for the timer input functions T3A and T3B
Port L has the following alternate features
L0
MIWU
L1
MIWU or CKX
L2
MIWU or TDX
L3
MIWU or RDX
L4
MIWU or T2A
L5
MIWU or T2B
L6
MIWU or T3A
L7
MIWU or T3B
Port G is an 8-bit port with 5 IO pins (G0 G2 – G5) an input
pin (G6) and two dedicated output pins (G1 and G7) Pins
G0 and G2 – G6 all have Schmitt Triggers on their inputs Pin
G1 serves as the dedicated WDOUT WATCHDOG output
while pin G7 is either input or output depending on the oscil-
lator mask option selected With the crystal oscillator option
selected G7 serves as the dedicated output pin for the CKO
clock output With the single-pin RC oscillator mask option
selected G7 serves as a general purpose input pin but is
also used to bring the device out of HALT mode with a low
to high transition on G7 There are two registers associated
with the G Port a data register and a configuration register
Therefore each of the 5 IO bits (G0 G2 – G5) can be indi-
vidually configured under software control
TLDD12872 – 4
FIGURE 4 IO Port Configurations
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com