Electronic Components Datasheet Search
  English  ▼

X  

COP888CG Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CG
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP888CG Datasheet HTML 1Page - National Semiconductor (TI) COP888CG Datasheet HTML 2Page - National Semiconductor (TI) COP888CG Datasheet HTML 3Page - National Semiconductor (TI) COP888CG Datasheet HTML 4Page - National Semiconductor (TI) COP888CG Datasheet HTML 5Page - National Semiconductor (TI) COP888CG Datasheet HTML 6Page - National Semiconductor (TI) COP888CG Datasheet HTML 7Page - National Semiconductor (TI) COP888CG Datasheet HTML 8Page - National Semiconductor (TI) COP888CG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)7V
Voltage at Any Pin
b
03V to VCC a 03V
Total Current into VCC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
110 mA
Storage Temperature Range
b
65 Cto a140 C
Note
Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
27
55
V
Power Supply Ripple (Note 1)
Peak-to-Peak
01 VCC
V
Supply Current (Note 2)
CKI e 10 MHz
VCC e 55V tc e 1 ms
165
mA
CKI e 4 MHz
VCC e 40V tc e 25 ms
65
mA
HALT Current (Note 3)
VCC e 55V CKI e 0 MHz
12
m
A
VCC e 40V CKI e 0 MHz
8
m
A
IDLE Current
CKI e 10 MHz
VCC e 55V tc e 1 ms
35
mA
CKI e 1 MHz
VCC e 40V tc e 10 ms
07
mA
Input Levels
RESET
Logic High
08 VCC
V
Logic Low
02 VCC
V
CKI (External and Crystal Osc Modes)
Logic High
07 VCC
V
Logic Low
02 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Hi-Z Input Leakage
VCC e 55V
b
2
a
2
m
A
Input Pullup Current
VCC e 55V
40
250
m
A
G and L Port Input Hysteresis
005 VCC
035 VCC
V
Output Current Levels
D Outputs
Source
VCC e 45V VOH e 33V
04
mA
Sink (Note 4)
VCC e 45V VOL e 1V
10
mA
All Others
Source (Weak Pull-Up Mode)
VCC e 45V VOH e 27V
10
100
m
A
Source (Push-Pull Mode)
VCC e 45V VOH e 33V
04
mA
Sink (Push-Pull Mode)
VCC e 45V VOL e 04V
16
mA
TRI-STATE Leakage
VCC e 55V
b
2
a
2
m
A
Allowable SinkSource
Current per Pin
D Outputs (Sink)
15
mA
All others
3mA
Maximum Input Current
TA e 25 C
g
100
mA
without Latchup (Note 5)
RAM Retention Voltage Vr
500 ns Rise and Fall Time (Min)
2
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Note 1
Rate of voltage change must be less then 05 Vms
Note 2
Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open
Note 3
The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations by bringing CKI high Test conditions All inputs tied to VCC L and G
ports in the TRI-STATE mode and tied to ground all outputs low and tied to ground The clock monitor is disabled
Note 4
The user must guarantee that D2 pin does not source more than 10 mA during RESET If D2 sources more than 10 mA during reset the device will go into
programming mode
Note 5
Pins G6 and RESET are designed with a high voltage input network for factory testing These pins allow input voltages greater than VCC and the pins will
have sink current to VCC when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC) The effective
resistance to VCC is 750X (typical) These two pins will not latch up The voltage at the pins must be limited to less than 14V
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com