Electronic Components Datasheet Search
  English  ▼

X  

COP888CG Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CG
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP888CG Datasheet HTML 1Page - National Semiconductor (TI) COP888CG Datasheet HTML 2Page - National Semiconductor (TI) COP888CG Datasheet HTML 3Page - National Semiconductor (TI) COP888CG Datasheet HTML 4Page - National Semiconductor (TI) COP888CG Datasheet HTML 5Page - National Semiconductor (TI) COP888CG Datasheet HTML 6Page - National Semiconductor (TI) COP888CG Datasheet HTML 7Page - National Semiconductor (TI) COP888CG Datasheet HTML 8Page - National Semiconductor (TI) COP888CG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TLDD12872
PRELIMINARY
August 1996
COP87L84RG
8-Bit One-Time Programmable (OTP) Microcontroller
with 32 Kbytes of Program Memory
General Description
The COP87L84RG is a member of the COP8TM OTP micro-
controller family It is pin and software compatible to the
mask ROM COP888EG product family
(Continued)
Key Features
Y
Full duplex UART
Y
Three 16-bit timers each with two 16-bit registers
supporting
Processor independent PWM mode
External event counter mode
Input capture mode
Y
32 kbytes on-board EPROM with security feature
Note
Mask ROMed devices with equivalent on-chip features and pro-
gram memory sizes of 4k and 8k are available (see Table I)
Y
512 bytes on-board RAM
Additional Peripheral Features
Y
Idle timer
Y
Multi-Input Wake Up (MIWU) with optional interrupts (8)
Y
One analog comparator
Y
WATCHDOGTM and clock monitor logic
Y
MICROWIREPLUSTM serial IO
IO Features
Y
Memory mapped IO
Y
Software selectable IO options (TRI-STATE
output
push-pull output weak pull-up input high impedance in-
put
Y
Schmitt trigger inputs on ports G and L
Y
Packages
28 DIP or SO each with 24 IO pins
CPUInstruction Set Features
Y
1 ms instruction cycle time
Y
Fourteen multi-source vectored interrupts servicing
External interrupt
Idle timer T0
Two timers (each with 2 interrupts)
MICROWIREPLUS
Multi-Input Wake Up
Software trap
UART (2)
Default VIS (default interrupt)
Y
Versatile instruction set with true bit manipulation
Y
8-bit Stack Pointer SP (stack in RAM)
Y
Two
8-bit
register
indirect
data
memory
pointers
(B and X)
Fully Static CMOS
Y
Two power saving modes HALT and IDLE
Y
Single supply operation 27V – 55V
Y
Temperature range b40 Cto a85 C
Development Support
Y
Emulation device for the COP884EG
Y
Real time emulation and full program debug offered by
MetaLink Development Systems
Block Diagram
TLDD12872 – 1
FIGURE 1 Block Diagram
TRI-STATE
is a registered trademark of National Semiconductor Corporation
COP8TM MICROWIRETM MICROWIREPLUSTM and WATCHDOGTM are trademarks of National Semiconductor Corporation
iceMASTERTM is a trademark of MetaLink Corporation
C1996 National Semiconductor Corporation
RRD-B30M96Printed in U S A
http
www nationalcom


Similar Part No. - COP888CG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888CG NSC-COP888CG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CG NSC-COP888CG Datasheet
482Kb / 42P
8-Bit Microcontroller with UART and Three Multi-Function Timers
COP888CG NSC-COP888CG Datasheet
438Kb / 40P
8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Texas Instruments
COP888CG TI1-COP888CG Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888CG-XXX/N NSC-COP888CG-XXX/N Datasheet
482Kb / 42P
8-Bit Microcontroller with UART and Three Multi-Function Timers
More results

Similar Description - COP888CG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
8-Bit One-Time Programmable OTP Microcontroller
logo
NXP Semiconductors
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
One-time programmable (OTP) read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com