Electronic Components Datasheet Search
  English  ▼

X  

ADL6337 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL6337
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337 Datasheet(HTML) 4 Page - Analog Devices

  ADL6337 Datasheet HTML 1Page - Analog Devices ADL6337 Datasheet HTML 2Page - Analog Devices ADL6337 Datasheet HTML 3Page - Analog Devices ADL6337 Datasheet HTML 4Page - Analog Devices ADL6337 Datasheet HTML 5Page - Analog Devices ADL6337 Datasheet HTML 6Page - Analog Devices ADL6337 Datasheet HTML 7Page - Analog Devices ADL6337 Datasheet HTML 8Page - Analog Devices ADL6337 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Data Sheet
ADL6337
SPECIFICATIONS
analog.com
Rev. B | 4 of 41
Table 2. Electrical Characteristics (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Voltage
4.75
5.0
5.25
V
Supply Current
High performance mode
460
mA
Low power mode
380
400
mA
Power-Down Current
14
mA
DIGITAL LOGIC
Input Voltage
SCLK, SDIO, CS, CS_A2, CS_A1, CS_A0, TXENP
High (VIH)
1.07
V
Low (VIL)
0.68
V
Input Current
High (IIH)
−100
μA
Low (IIL)
100
μA
Output Voltage
SDO
At 1.8 V
Register 0x121, Bit 4 = 0x0
High (VOH)
Output high current (IOH) = −100 μA or −1 mA static load
1.5
V
Low (VOL)
Output low current (IOL) = 100 μA or 1 mA static load
0.2
V
At 3.3 V
Register 0x121, Bit 4 = 0x1
High (VOH)
IOH = −100 μA or −1 mA static load
2.7
V
Low (VOL)
IOL = 100 μA or 1 mA static load
0.2
V
DIGITAL LOGIC TIMING
Table 3. SPI AC Timing
Parameter
Description
Min
Typ
Max
Unit
fSCLK
Maximum serial clock rate, 1/tSCLK
25
MHz
tPWH
Minimum period that SCLK is in logic-high state
10
ns
tPWL
Minimum period that SCLK is in logic-low state
10
ns
tDS
Setup time between data and rising edge of SCLK
5
ns
tDH
Hold time between data and rising edge of SCLK
5
ns
tDCS
Setup time between falling edge of CS and rising edge of SCLK
10
ns
tH
Hold time between rising edge of CS and the last falling edge of SCLK, minimum 10ns
10
ns
tDV
Maximum time delay between falling edge of SCLK and output data valid for a read operation
5
14
ns
tZ
Maximum time delay between CS deactivation and SDIO bus return to high impedance
12
ns
Timing Diagrams
Figure 2. SPI Register Timing, MSB First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com