Electronic Components Datasheet Search
  English  ▼

X  

ADL6337 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL6337
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337 Datasheet(HTML) 3 Page - Analog Devices

  ADL6337 Datasheet HTML 1Page - Analog Devices ADL6337 Datasheet HTML 2Page - Analog Devices ADL6337 Datasheet HTML 3Page - Analog Devices ADL6337 Datasheet HTML 4Page - Analog Devices ADL6337 Datasheet HTML 5Page - Analog Devices ADL6337 Datasheet HTML 6Page - Analog Devices ADL6337 Datasheet HTML 7Page - Analog Devices ADL6337 Datasheet HTML 8Page - Analog Devices ADL6337 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Data Sheet
ADL6337
SPECIFICATIONS
analog.com
Rev. B | 3 of 41
V50AMP1 voltage (V50AMP1) = V50AMP2 voltage (V50AMP2) = V50BIAS voltage (V50BIAS) = 5.0 V, TA = 25°C, input power (PIN) = −25 dBm (–25
dBm per tone for two tones), DSA attenuation = 0 dB, source resistance (RS) = load resistance (RL) = 50 Ω, unless otherwise noted.
Table 2. Electrical Characteristics
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE (ADL6337-A)
500
1000
MHz
Noise/Linearity Performance
Power Gain
37.4
dB
Output 1 dB Compression Point (OP1dB)
DSA = 0 dB, DC power
26.1
dBm
DSA = 16 dB
23.0
dBm
DSA = 31.5 dB
23.0
dBm
Output Second-Order Intercept (OIP2)
50
dBm
Output Third-Order Intercept (OIP3)
DSA = 0 dB
42.0
dBm
DSA = 16 dB
35.5
dBm
DSA = 31.5 dB
35.5
dBm
Noise Figure
DSA = 0 dB
3.7
dB
DSA = 16 dB
5.3
dB
FREQUENCY RANGE (ADL6337-B)
1350
2800
MHz
Noise/Linearity Performance
Power Gain
35.5
dB
OP1dB
DSA = 0 dB
26.0
dBm
DSA = 16 dB
22.0
dBm
DSA = 31.5 dB
22.0
dBm
OIP2
55
dBm
OIP3
DSA = 0 dB,
42.5
dBm
DSA = 16 dB,
33.5
dBm
DSA = 31.5 dB
33.5
dBm
Noise Figure
DSA = 0 dB
4.5
dB
DSA = 16 dB
5.9
dB
RF INPUT/OUTPUT CHARACTERISTICS
Input
Impedance
Differential
50
Ω
Return Loss
Inband, see the RF Input and Output section
10
15
dB
Output
Impedance
Single-ended
50
Ω
Return Loss
Inband
10
18
dB
Gain Flatness, fc > 1.5 GHz
Over ±100 MHz bandwidth
±0.1
dB
Gain Flatness, 1.5 GHz < fC > 2.0 GHz
Over ±250 MHz bandwidth
±0.2
dB
Gain Flatness, 0.5 GHz < fC > 1.5 GHz
Over ±500 MHz bandwidth
±0.5
dB
Over ±500 MHz bandwidth
±0.9
dB
Over ±40 MHz bandwidth
±0.1
dB
Over ±100 MHz bandwidth
±0.2
dB
Over ±200 MHz bandwidth
±0.5
dB
Settling Time for Disable to Enable
1
μs
Settling Time for Enable to Disable
1
μs
DSA Attenuation
Range
31.5
dB
Step Size
0.4
0.5
0.6
dB
Gain Settling Time
Minimum attenuation to maximum attenuation
387
ns
Maximum attenuation to minimum attenuation
1700
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com