Electronic Components Datasheet Search
  English  ▼

X  

ADL6337 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL6337
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL6337 Datasheet HTML 23Page - Analog Devices ADL6337 Datasheet HTML 24Page - Analog Devices ADL6337 Datasheet HTML 25Page - Analog Devices ADL6337 Datasheet HTML 26Page - Analog Devices ADL6337 Datasheet HTML 27Page - Analog Devices ADL6337 Datasheet HTML 28Page - Analog Devices ADL6337 Datasheet HTML 29Page - Analog Devices ADL6337 Datasheet HTML 30Page - Analog Devices ADL6337 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Data Sheet
ADL6337
INPUT PORT MATCHING
analog.com
Rev. B | 27 of 41
The ADL6337 has four variants for four operating frequency rang-
es. Each variant has different input port matching schemes. The
ADL6337-A requires external matching components for a 50 Ω
input impedance to achieve the return loss specification, and exter-
nal matching components are required for 100 Ω port matching.
See Figure 68. The ADL6337-B does not require any external com-
ponents to match the 50 Ω impedance, but the external matching
components are required to match the 100 Ω impedance. See
Figure 69. Note that the matching components can be changed due
to the board structures and materials.
Figure 68. Input Matching Components for the ADL6337-A
Figure 69. Input Matching Components for the ADL6337-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com