Electronic Components Datasheet Search
  English  ▼

X  

ADL6337 Datasheet(PDF) 41 Page - Analog Devices

Part # ADL6337
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADL6337 Datasheet HTML 33Page - Analog Devices ADL6337 Datasheet HTML 34Page - Analog Devices ADL6337 Datasheet HTML 35Page - Analog Devices ADL6337 Datasheet HTML 36Page - Analog Devices ADL6337 Datasheet HTML 37Page - Analog Devices ADL6337 Datasheet HTML 38Page - Analog Devices ADL6337 Datasheet HTML 39Page - Analog Devices ADL6337 Datasheet HTML 40Page - Analog Devices ADL6337 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
Data Sheet
ADL6337
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. B | 41 of 41
Figure 70. 32-Lead Lead Frame Chip Scale Package, Routable, No Solder Spheres [LFCSP_RT]
5 mm × 5 mm Body and 0.764 mm Package Height
(CR-32-3)
Dimensions shown in millimeters
Updated: December 13, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADL6337ACRZA
-40°C to +105°C
32-Lead LFCSP_RT
CR-32-3
ADL6337ACRZA-R7
-40°C to +105°C
32-Lead LFCSP_RT
CR-32-3
ADL6337ACRZB
-40°C to +105°C
32-Lead LFCSP_RT
CR-32-3
ADL6337ACRZB-R7
-40°C to +105°C
32-Lead LFCSP_RT
CR-32-3
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Package Description
ADL6337-EVALZA
Evaluation Board for Variant A: 500 MHz to 1000 MHz Operation
ADL6337-EVALZB
Evaluation Board for Variant B: 1350 MHz to 2800 MHz Operation
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com