Electronic Components Datasheet Search
  English  ▼

X  

LTM2895 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM2895
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2895 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM2895 Datasheet HTML 12Page - Analog Devices LTM2895 Datasheet HTML 13Page - Analog Devices LTM2895 Datasheet HTML 14Page - Analog Devices LTM2895 Datasheet HTML 15Page - Analog Devices LTM2895 Datasheet HTML 16Page - Analog Devices LTM2895 Datasheet HTML 17Page - Analog Devices LTM2895 Datasheet HTML 18Page - Analog Devices LTM2895 Datasheet HTML 19Page - Analog Devices LTM2895 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC4332
16
Rev. A
For more information www.analog.com
Figure 14. Control Interface Read Transfer
Register Naming Conventions
RW
Read-Write
RO
Read Only
W0C Write Zero to Clear
Table 3. Register Map
REGISTER
NAME
DATA
DEFAULT
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
CONFIG
–
–
REM_SS3_
POL
REM_SS3_
PHA
REM_SS2_
POL
REM_SS2_
PHA
REM_SS1_
POL
REM_SS1_
PHA
0x00
01h
STATUS
SPEED_INDEX
Reserved
REM_NINT
NINT
NLINK
02h
EVENT
–
–
–
–
–
FAULT
LINK_LOST
LINK_GOOD
0x00
03h
INT_EN
–
–
–
–
–
FAULT_EN
LINK_LOST_
EN
LINK_GOOD_
EN
0x00
04h
FAULT
–
–
–
RX_BUF_
UNDERFLOW
TX_BUF_
OVERFLOW
REM_SPI_
FAULT
LINK_FAULT
SPI_WRITE_
FAULT
0x00
05h
WORD_LENGTH
–
–
WORD_LENGTH
0x08
06h
SCRATCH
SCRATCH
0x00
SSC
REGISTER ADDRESS<6:0>
REGISTER ADDRESS<6:0>
READ DATA BYTE (MSB FIRST)
CRC BYTE (OPTIONAL)
1
1
SCK
4332 F14
MODE = (1,1)
MODE = (0,0)
SCK
MOSI
MOSI
MISO
MISO
READ DATA BYTE (MSB FIRST)
CRC BYTE (OPTIONAL)
DON'T CARE
DON'T CARE
Figure 13. Control Interface Write Transfer
SSC
REGISTER ADDRESS<6:0>
REGISTER ADDRESS<6:0>
DATA BYTE (MSB FIRST)
DATA BYTE (MSB FIRST)
CRC BYTE (OPTIONAL)
CRC BYTE (OPTIONAL)
0
0
SCK
MOSI
MODE = (1,1)
MODE = (0,0)
SCK
MOSI
4332 F13
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com