Electronic Components Datasheet Search
  English  ▼

X  

LTM2895 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM2895
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2895 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM2895 Datasheet HTML 13Page - Analog Devices LTM2895 Datasheet HTML 14Page - Analog Devices LTM2895 Datasheet HTML 15Page - Analog Devices LTM2895 Datasheet HTML 16Page - Analog Devices LTM2895 Datasheet HTML 17Page - Analog Devices LTM2895 Datasheet HTML 18Page - Analog Devices LTM2895 Datasheet HTML 19Page - Analog Devices LTM2895 Datasheet HTML 20Page - Analog Devices LTM2895 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC4332
17
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
CONFIG Register (RW)
FIELD
DESCRIPTION
REM_SS1_PHA
Remote Side SS1 Phase. When 0, MOSI is launched on the trailing SCK edge while MISO is captured on the leading SCK edge.
When 1, MISO is launched on the leading SCK edge while MISO is captured on the trailing SCK edge.
REM_SS1_POL
Remote Side SS1 SCK Polarity. When 0, SCK is low when idle. When 1, SCK is high when idle.
REM_SS2_PHA
Remote Side SS2 Phase.
REM_SS2_POL
Remote Side SS2 SCK Polarity.
REM_SS3_PHA
Remote Side SS3 Phase.
REM_SS3_POL
Remote Side SS3 SCK Polarity.
STATUS (RO)
FIELD
DESCRIPTION
NLINK
The level driven by pin LINK. High impedance is interpreted as 1.
NINT
The level driven by the local side pin INT. High impedance is interpreted as 1.
REM_NINT
The level driven into the remote INT pin. Link must be established.
SPEED_INDEX
<0-8>. Encoded index from values set on SPEED1 and SPEED2. See Table 2. Link Speed.
EVENT (W0C): Events Are Set by the System and Cleared by the User
FIELD
DESCRIPTION
LINK_GOOD
The local and remote SPI networks are connected.
LINK_LOST
The local and remote SPI networks have lost link communication.
FAULT
Set if any field in the FAULT register is set by the system. Clearing this bit clears all bits in the FAULT register.
INT_EN (RW): Asserts INT if Corresponding EVENT Bit Is Set
FAULT (RO): If the FAULT EVENT Bit Is Set, at Least One of the Following Bits Is Set.
To Clear, Clear the FAULT Event Bit
FIELD
DESCRIPTION
SPI_WRITE_FAULT
An incomplete write transfer after the register address byte or CRC error detected.
LINK_FAULT
Link communication corruption detected.
REM_SPI_FAULT
A fault or stuck bus timeout occurred on the remote SPI bus possibly due to link disconnection during transfer.
TX_BUF_OVERFLOW
The transmit buffer overflowed, SPI events lost. Indicates the local SPI frequency exceeds fSCK:SLAVE:MAX. See Table 2.
RX_BUF_UNDERFLOW The receive buffer overflowed, SPI events lost. Indicates the local SPI frequency exceeds fSCK:SLAVE:MAX. See Table 2.
WORD_LENGTH (RW)
FIELD
DESCRIPTION
WORD_LENGTH
Valid Range: 8 ≤ WORD_LENGTH ≤ 32. MISO read data from remote slave is delayed by WORD_LENGTH SCKs.
SCRATCH (RW)
FIELD
DESCRIPTION
SCRATCH
Used to test read/write access to the Control Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com