Electronic Components Datasheet Search
  English  ▼

X  

LTM2895 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM2895
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2895 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM2895 Datasheet HTML 14Page - Analog Devices LTM2895 Datasheet HTML 15Page - Analog Devices LTM2895 Datasheet HTML 16Page - Analog Devices LTM2895 Datasheet HTML 17Page - Analog Devices LTM2895 Datasheet HTML 18Page - Analog Devices LTM2895 Datasheet HTML 19Page - Analog Devices LTM2895 Datasheet HTML 20Page - Analog Devices LTM2895 Datasheet HTML 21Page - Analog Devices LTM2895 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC4332
18
Rev. A
For more information www.analog.com
PCB Layout
A ground plane layout is recommended. A 4.7μF bypass
capacitor should be placed no more than 7mm away from
the VCC pin. The PC board traces connected to signal pairs
(Y, Z) and (A, B) should be symmetrical and as short
as possible to maintain good differential signal integrity.
Route the differential signals pairs (Y, Z) and (A, B) as
an edge coupled microstrip with a differential impedance
approximately matching the cable impedance.
Link Termination and Biasing
To minimize the transmission line reflections over the
link, a termination resistor should be connected between
pins A and B at each node. Each resistor’s value should
closely match the characteristic impedance of the differ-
ential cable to reduce reflections. A bias resistor net-work
should also be inserted at each node to maintain the idle
state when the drivers are disabled. Select RB and RT2
such that 200Ω ≤ RB ≤ 620Ω and 100Ω ≤ RT2 ≤ 110Ω.
See Figure 15.
Auxiliary Protection for 5kV Surge, 5kV EFT, and 30kV
IEC ESD
An interface transceiver used in an industrial setting
may be exposed to extremely high levels of electrical
overstress due to phenomena such as lightning surge,
electrical fast transient (EFT) from switching high cur-
rent inductive loads, and electrostatic discharge (ESD)
from the discharge of electrically charged personnel or
equipment. The LTC4332 is designed for high robustness
against ESD and EFT, but the on-chip protection is not
able to absorb the energy associated with the 61000-4-5
surge transients. Therefore, a properly designed external
protection network is necessary to achieve a high level
of surge protection, and can also extend the ESD and EFT
performance of the LTC4332 to extremely high levels.
Refer to section Auxiliary Protection for IEC Surge, EFT
and ESD on page 16 of Analog Devices LTC2864 data
sheet for a detailed description and diagram of the exter-
nal protection network.
The network provides the following protection:
• EC 61000-4-2 ESD Level 4: ±30kV contact, ±30kV air
(line to GND, direct discharge to bus pins with trans-
ceiver and protection circuit mounted on a ground ref-
erenced test card per Figure 4 of the standard)
• IEC 61000-4-4 EFT Level 4: ±5kV (line to GND, 5kHz
repetition rate, 15ms burst duration, 60 second test
duration, discharge coupled to bus pins through 100pF
capacitor per paragraph 7.3.2 of the standard)
• IEC 61000-4-5 Surge Level 4: ±5kV (line to GND, line to
line, 8/20μs waveform, each line coupled to generator
through 80Ω resistor per Figure 14 of the standard)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com