Electronic Components Datasheet Search
  English  ▼

X  

LTM2895 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM2895
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2895 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM2895 Datasheet HTML 14Page - Analog Devices LTM2895 Datasheet HTML 15Page - Analog Devices LTM2895 Datasheet HTML 16Page - Analog Devices LTM2895 Datasheet HTML 17Page - Analog Devices LTM2895 Datasheet HTML 18Page - Analog Devices LTM2895 Datasheet HTML 19Page - Analog Devices LTM2895 Datasheet HTML 20Page - Analog Devices LTM2895 Datasheet HTML 21Page - Analog Devices LTM2895 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC4332
22
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2019-2020
05/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4331
I2C/SMBus Differential Extender
1MHz SCL, ±60V Fault Protected
LTC6820
isoSPI™ Isolated Communications Interface
1Mbps, 100m Cable Lengths, ISO26262
LTM2895
100MHz Isolated DAC SPI Serial Interface
6kV Isolation, 2 Slaves
LTM2883
2.5kV SPI/I2C Isolator with Power
4MHz/8MHz SPI Isolation, Adjustable DC Power
ADuM4154
5kV, 7-Channel, SPIsolator®
4 Slaves, 17MHz SPI Clock
Figure 16. Extending an ADXL355BEZ Accelerometer for Remote Sensing
VSUPPLY
VDDIO
VSSIO
VSS
V1P8DIG
V1P8ANA
39
3.3V
110
LTC4332
INT
SCK
SPEED1
MISO
SPEED2
VCC
VL
REMOTE
ON
MOSI
SS1
SS2
SS3
SSC
LINK
A
B
MCU_INT
3.3V
MCU_SCK
MCU_MISO
MCU_MOSI
MCU_SS1
MCU_SS4
INT1
SCLK
MISO
MOSI
CSN
INT2
DRDY
10m
GND1
GND2
GND2
GND2
620
620
620
3.3V
Y
Z
3.3V
1µF
GND2
10m
110
10k
620
620
3.3V
LTC4332
INT
SCK
SPEED1
MISO
SPEED2
4332 F16
VCC
VL
REMOTE
ON
MOSI
SS1
SS2
SS3
LINK
Y
Z
A
B
ADXL355BEZ
PROCESSOR
GND2A
GND2
39
0.1µF
GND2A
0.1µF
GND2
10µF
10µF
0.1µF
0.1µF
4.7µF
GND2
3.3V
1µF
10k
620Ω
4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com