Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 45Page - Texas Instruments LM5146 Datasheet HTML 46Page - Texas Instruments LM5146 Datasheet HTML 47Page - Texas Instruments LM5146 Datasheet HTML 48Page - Texas Instruments LM5146 Datasheet HTML 49Page - Texas Instruments LM5146 Datasheet HTML 50Page - Texas Instruments LM5146 Datasheet HTML 51Page - Texas Instruments LM5146 Datasheet HTML 52Page - Texas Instruments LM5146 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
1 ms/DIV
VIN 2V/DIV
VOUT 1V/DIV
IOUT 5A/DIV
VIN step to 12 V
10-A resistive load
Figure 9-35. Start-Up Characteristic
1 ms/DIV
EN 2V/DIV
VOUT 1V/DIV
IOUT 5A/DIV
VIN = 12 V
10-A resistive load
Figure 9-36. ENABLE ON and OFF Characteristic
100 µs/DIV
VOUT 500 mV/DIV
IOUT 5 A/DIV
VIN = 12 V
FPWM
Figure 9-37. Load Transient, 0 A to 10 A
100 µs/DIV
VOUT 500 mV/DIV
IOUT 5 A/DIV
VIN = 12 V
FPWM
Figure 9-38. Load Transient, 5 A to 10 A
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com