Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 16Page - Texas Instruments LM5146 Datasheet HTML 17Page - Texas Instruments LM5146 Datasheet HTML 18Page - Texas Instruments LM5146 Datasheet HTML 19Page - Texas Instruments LM5146 Datasheet HTML 20Page - Texas Instruments LM5146 Datasheet HTML 21Page - Texas Instruments LM5146 Datasheet HTML 22Page - Texas Instruments LM5146 Datasheet HTML 23Page - Texas Instruments LM5146 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
Table 8-1. Feedback Configuration Resistors
PULLUP RESISTOR TO VDDA
VOUT SETPOINT
0 Ω
3.3 V
24.9 kΩ
5 V
49.9 kΩ
12 V
Not installed
External FB divider setting
The configuration settings are latched and cannot be changed until the LM5148 is powered down (with the
VCC voltage decreasing below its falling UVLO threshold) and then powered up again (VCC rises above 3.4-V
typical). Alternatively, set the output voltage with an external resistor divider from the output to AGND. The
output voltage adjustment range is between 0.8 V and 55 V. The regulation voltage at FB is 0.8 V (VREF). Use
Equation 6 to calculate the upper and lower feedback resistors, designated as RFB1 and RFB2, respectively.
OUT
FB1
FB2
REF
V
R
1
R
V
§
·
˜
¨
¸
©
¹
(6)
The recommended starting value for RFB2 is between 10 kΩ and 20 kΩ.
If low-IQ operation is required, take care when selecting the external feedback resistors. The current
consumption of the external divider adds to the LM5148 sleep current (9.5 µA typical). The divider current
reflected to VIN is scaled by the ratio of VOUT / VIN.
8.3.9 Minimum Controllable On Time
There are two limitations to the minimum output voltage adjustment range: the LM5148 voltage reference of
0.8 V and the minimum controllable switch-node pulse width, tON(min).
tON(min) effectively limits the voltage step-down conversion ratio VOUT / VIN at a given switching frequency. For
fixed-frequency PWM operation, the voltage conversion ratio must satisfy Equation 7.
OUT
ON(min)
SW
IN
V
t
F
V
!
˜
(7)
where
• tON(min) is 50 ns (typical).
• FSW is the switching frequency.
If the desired voltage conversion ratio does not meet the above condition, the LM5148 transitions from fixed
switching frequency operation to a pulse-skipping mode to maintain output voltage regulation. For example, if the
desired output voltage is 5 V with an input voltage of 24 V and switching frequency of 2.1 MHz, use Equation 8
to check the conversion ratio.
(8)
For wide VIN applications and low output voltages, an alternative is to reduce the LM5148 switching frequency to
meet the requirement of Equation 7.
8.3.10 Error Amplifier and PWM Comparator (FB, EXTCOMP)
The LM5148 has a high-gain transconductance amplifier that generates an error current proportional to
the difference between the feedback voltage and an internal precision reference (0.8 V). The control loop
compensation is configured two ways. The first is using the internal compensation amplifier, which has a
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com