Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 19Page - Texas Instruments LM5146 Datasheet HTML 20Page - Texas Instruments LM5146 Datasheet HTML 21Page - Texas Instruments LM5146 Datasheet HTML 22Page - Texas Instruments LM5146 Datasheet HTML 23Page - Texas Instruments LM5146 Datasheet HTML 24Page - Texas Instruments LM5146 Datasheet HTML 25Page - Texas Instruments LM5146 Datasheet HTML 26Page - Texas Instruments LM5146 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
O
DCR
L
CS
DCR
OUT(CL)
CS
CS
L
1 s
R
I
V
(s)
R
I
1 s R
C
2
˜
'
§
·
˜
˜ ¨
¸
˜
˜
©
¹
(11)
Choose the CCS capacitance greater than or equal to 0.1 μF to maintain a low-impedance sensing network, thus
reducing the susceptibility of noise pickup from the switch node. Carefully observe Section 9.4.1 to make sure
that noise and DC errors do not corrupt the current sense signals applied between the ISNS+ and VOUT pins.
8.3.13 Hiccup Mode Current Limiting
The LM5148 includes an internal hiccup-mode protection function. After an overload is detected, 512 cycles
of cycle-by-cycle current limiting occurs. The 512-cycle counter is reset if four consecutive switching cycles
occur without exceeding the current limit threshold. After the 512-cycle counter has expired, the internal soft
start is pulled low, the HO and LO driver outputs are disabled, and the 16384 counter is enabled. After the
counter reaches 16384, the internal soft start is enabled and the output restarts. The hiccup-mode current limit is
disabled during soft start until the FB voltage exceeds 0.4 V.
8.3.14 High-Side and Low-Side Gate Drivers (HO, LO)
The LM5148 contains gate drivers and an associated high-side level shifter to drive the external N-channel
power MOSFETs. The high-side gate driver works in conjunction with an internal bootstrap diode DBOOT
and bootstrap capacitor CBOOT. During the conduction interval of the low-side MOSFET, the SW voltage is
approximately 0 V and CBOOT charges from VCC through the internal DBOOT. TI recommends a 0.1-μF ceramic
capacitor connected with short traces between the CBOOT and SW pins.
The LO and HO outputs are controlled with an adaptive dead-time methodology so that both outputs (HO and
LO) are never on at the same time, preventing cross conduction. Before the LO driver output is allowed to turn
on, the adaptive dead-time logic first disables HO and waits for the HO voltage to drop below 2 V typical. LO is
allowed to turn on after a small delay (HO fall to LO rising delay). Similarly, the HO turn-on is delayed until the
LO voltage has dropped below 2 V. This technique ensures adequate dead-time for any size N-channel power
MOSFET implementations, including parallel MOSFET configurations.
Caution is advised when adding series gate resistors, as this can impact the effective dead-time. The selected
high-side MOSFET determines the appropriate bootstrap capacitance value CBOOT in accordance with Equation
12.
'
G
BOOT
CBOOT
Q
C
V
(12)
where
• QG is the total gate charge of the high-side MOSFET at the applicable gate drive voltage.
• ΔVCBOOT is the voltage variation of the high-side MOSFET driver after turn-on.
To determine CBOOT, choose ΔVCBOOT such that the available gate drive voltage is not significantly impacted.
An acceptable range of ΔVCBOOT is 100 mV to 300 mV. The bootstrap capacitor must be a low-ESR ceramic
capacitor, typically 0.1 µF. Use high-side and low-side MOSFETs with logic-level gate threshold voltages.
8.3.15 Output Configurations (CNFG)
The LM5148 can be configured as a primary controller (interleaved mode) or as a secondary controller for
paralleling the outputs for high-current applications with a resistor RCNFG. This resistor also configures if spread
spectrum is enabled or disabled. See Table 8-2. After the VCC voltage is above 3.3 V (typical), the CNFG pin
voltage is monitored and latched. To change the configuration mode, the LM5148 must be powered down, and
VCC must drop below 3.3 V. Figure 8-6 shows the configuration timing diagram.
When the LM5148 is configured as a primary controller with spread spectrum enabled (RCNFG of 41.2 kΩ or 71.5
kΩ), the LM5148 cannot be synchronized to an external clock.
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com