Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 2Page - Texas Instruments LM5146 Datasheet HTML 3Page - Texas Instruments LM5146 Datasheet HTML 4Page - Texas Instruments LM5146 Datasheet HTML 5Page - Texas Instruments LM5146 Datasheet HTML 6Page - Texas Instruments LM5146 Datasheet HTML 7Page - Texas Instruments LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments LM5146 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Over the operating junction temperature range of –40
℃ to 150℃ (unless otherwise noted). (1)
MIN
NOM
MAX
UNIT
TJ
Operating junction temperature
–40
150
°C
(1)
Recommended operating conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see the Electrical Characteristics.
7.4 Thermal Information
THERMAL METRIC(1)
UNIT
RGY (VQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
37.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
32
°C/W
RθJB
Junction-to-board thermal resistance
15.5
°C/W
ψJT
Junction-to-top characterization parameter
1.2
°C/W
ψJB
Junction-to-board characterization parameter
15.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics
7.5 Electrical Characteristics
TJ = –40°C to 125°C. Typical values are at TJ = 25°C and VIN = 12 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY (VIN)
IQ-VIN1
VIN shutdown current
VEN = 0 V
2.3
3.8
µA
IQ-VIN2
VIN standby current
Non-switching, 0.5 V ≤ VEN ≤ 1 V
124
µA
ISLEEP1
Sleep current, 3.3 V
1.03 V ≤ VEN ≤ 80 V, VVOUT = 3.3
V, in regulation, no-load, not switching,
VPFM/SYNC = VDDA
9.5
19.7
µA
ISLEEP2
Sleep current, 5 V
1.03 V ≤ VEN ≤ 80 V, VVOUT = 5.0
V, in regulation, no-load, not switching,
VPFM/SYNC = VDDA
9.9
19.9
µA
ENABLE (EN)
VSDN
Shutdown to standby threshold
VEN rising
0.5
V
VEN-HIGH
Enable voltage rising threshold
VEN rising, enable switching
0.95
1.0
1.05
V
IEN-HYS
Enable hysteresis
VEN = 1.1 V
–12
–10
–8
µA
INTERNAL LDO (VCC)
VVCC-REG
VCC regulation voltage
IVCC = 0 mA to 100 mA
4.7
5
5.3
V
VVCC-UVLO
VCC UVLO rising threshold
3.3
3.4
3.5
V
VVCC-HYST
VCC UVLO hysteresis
148
mV
IVCC-REG
Internal LDO short-circuit current limit
115
170
mA
INTERNAL LDO (VDDA)
VVDDA-REG
VDDA regulation voltage
4.75
5
5.25
V
VVDDA-UVLO
VDDA UVLO rising
VVCC rising, VVCCX = 0 V
3
3.2
3.3
V
VVDDA-HYST
VDDA UVLO hysteresis
VVCCX = 0 V
120
mV
RVDDA
VDDA resistance
VVCCX = 0 V
5.5
Ω
EXTERNAL BIAS (VCCX)
VVCCX-ON
VCCX rising threshold
4.1
4.3
4.4
V
VVCCX-HYST
VCCX hysteresis voltage
130
mV
RVCCX
VCCX resistance
2
Ω
REFERENCE VOLTAGE
VREF
Regulated FB voltage
795
800
808
mV
OUTPUT VOLTAGE (VOUT)
VOUT-3.3V-INT
3.3-V output voltage setpoint
RFB = 0 Ω, VIN = 3.8 V to 80 V, internal
compensation
3.267
3.3
3.33
V
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com