Electronic Components Datasheet Search
  English  ▼

X  

IL755 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL755
Description  Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL755 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL755 Datasheet HTML 1Page - Vishay Siliconix IL755 Datasheet HTML 2Page - Vishay Siliconix IL755 Datasheet HTML 3Page - Vishay Siliconix IL755 Datasheet HTML 4Page - Vishay Siliconix IL755 Datasheet HTML 5Page - Vishay Siliconix IL755 Datasheet HTML 6Page - Vishay Siliconix IL755 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IL755, ILD755
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 10-Mar-2021
4
Document Number: 83641
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERSITICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - LED Forward Current vs. Forward Voltage
Fig. 2 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 3 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 4 - Normalized Non-Saturated and Saturated ICE vs.
LED Current
Fig. 5 - Normalized Non-Saturated and Saturated Collector-Emitter
Current vs. LED Current
Fig. 6 - Non-Saturated and Saturated hFE vs. Base Current
iil755b_01
- 1.5 - 1.0
- 0.5
0.0
0.5
1.0
1.5
60
40
20
0
- 20
- 40
- 60
- 55 °C
VF - LED Forward Voltage (V)
85 °C
25 °C
iil755_02
0.1
1
10
100
IF - LED Current (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
ce = 1 V
V
ce = 5 V
Normalized to:
V
ce = 5 V
I
F = 1 mA
iil755_03
100
10
1
0.1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
ce = 1 V
V
ce = 5 V
IF - LED Current (mA)
Normalized to:
V
ce = 5 V
I
F = 2 mA
iil755_04
100
1
0.1
0.01
0.1
1
10
100
Vce = 1 V
Vce = 5 V
IF - LED Current (mA)
IF = 2 mA
Vce = 5 V
10
Normalized to:
iil755_05
100
1
0.1
0.001
0.01
0.1
1
10
Vce = 1 V
Vce = 5 V
IF - LED Current (mA)
IF = 10 mA
Vce = 5 V
Normalized to:
10
iil755_06
0.01
0.1
1
10
100
0
2000
4000
6000
8000
10 000
Vce = 5 V
Vce = 1 V
Ib - Base Current (µA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com