Electronic Components Datasheet Search
  English  ▼

X  

IL755 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL755
Description  Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL755 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL755 Datasheet HTML 1Page - Vishay Siliconix IL755 Datasheet HTML 2Page - Vishay Siliconix IL755 Datasheet HTML 3Page - Vishay Siliconix IL755 Datasheet HTML 4Page - Vishay Siliconix IL755 Datasheet HTML 5Page - Vishay Siliconix IL755 Datasheet HTML 6Page - Vishay Siliconix IL755 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IL755, ILD755
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 10-Mar-2021
2
Document Number: 83641
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 25°C
1.33
mW/°C
OUTPUT
Collector emitter breakdown
voltage
BVCEO
60
V
Collector base breakdown
voltage
BVCBO
60
V
Power dissipation
IL755-1
Pdiss
200
mW
IL755-2
200
mW
ILD755-1
150
mW
ILD755-2
150
mW
Derate linearly from 25°C
IL755-1
2.6
mW/°C
IL755-2
2.6
mW/°C
ILD755-1
2.0
mW/°C
ILD755-2
2.0
mW/°C
COUPLER
Total power dissipation
IL755-1
Ptot
250
mW
IL755-2
250
mW
ILD755-1
400
mW
ILD755-2
400
mW
Derate linearly from 25 °C
IL755-1
3.0
mW/°C
IL755-2
3.0
mW/°C
ILD755-1
3.0
mW/°C
ILD755-2
3.0
mW/°C
Storage temperature
Tstg
-55 to +150
°C
Operating temperature
Tamb
-55 to +100
°C
Lead soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 10 mA
VF
1.2
1.5
V
OUTPUT
Collector emitter breakdown voltage
IC = 1.0 mA
BVCEO
60
75
V
Collector base breakdown voltage
IC = 10 μA
BVCBO
60
90
V
Collector emitter leakage current
VCE = 10 V, IF = 0 A
ICEO
10
100
nA
COUPLER
Collector emitter saturation voltage
IC = 10 mA, IF = ± 10 mA
VCEsat
1V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com