Electronic Components Datasheet Search
  English  ▼

X  

IL755 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL755
Description  Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL755 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL755 Datasheet HTML 1Page - Vishay Siliconix IL755 Datasheet HTML 2Page - Vishay Siliconix IL755 Datasheet HTML 3Page - Vishay Siliconix IL755 Datasheet HTML 4Page - Vishay Siliconix IL755 Datasheet HTML 5Page - Vishay Siliconix IL755 Datasheet HTML 6Page - Vishay Siliconix IL755 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IL755, ILD755
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 10-Mar-2021
5
Document Number: 83641
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Low to High Propagation Delay vs.
Collector Load Resistance and LED Current
Fig. 8 - High to Low Propagation Delay vs.
Collector Load Resistance and LED Current
Fig. 9 - Switching Waveform
Fig. 10 - Test Circuit, Saturated and Non-Saturated Operation
iil755_07
0
10
15
20
0
20
40
60
80
Vcc = 5 V
Vth = 1.5 V
220
Ω
470
Ω
IF - LED Current (mA)
100
Ω
1.0 k
Ω
5
iil755_08
0
10
15
20
0
5
10
15
20
100
Ω
1 k
Ω
IF - LED Current (mA)
Vcc = 5 V
Vth = 1.5 V
5
iil755_09
IF
tR
VO
tD
tS
tF
t
PHL
tPLH
VTH = 1.5 V
iil755_10
I
F = 1 mA
V
O
VCC = 10 V
R
L
f = 10 kHz,
DF = 50 %



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com